Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL811USB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GL811USB
Description  USB 2.0 to ATA / ATAPI Bridge Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL811USB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GL811USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller
©2000-2002 Genesys Logic Inc.—All rights reserved.
Page 8
4.2 Pin Description
Pin #
Name
I/O
Pad Type
Description
Note
1
GPIO7
B
I/O 8(*)
GPIO7 (**)
tri
2~5
IODD [8:11]
B
I/O 16(*)
IDE data bus 8~11
tri
6
DVCC1
P
Power
Digital VCC
7
DGND1
P
Power
Digital ground
8~11
IODD [12:15]
B
I/O 16
IDE data bus 12~15
tri
12
CBLID_
I
I/O 8
Cable select input
tri
13
CS1_
O
I/O 16
Chip select 1
tri
14
DA2
O
I/O 16
IDE address 2
tri
15
RESET#
I
I/O 8
Reset pin (***)
pu
16
RPU
A
U20mia
3.3v output
17
AVCC0
P
Power
Analog VCC
18
DPF
B
U20mia
Full speed DP
19
DPH
B
U20mia
High speed DP
20
DMF
B
U20mia
Full speed DM
21
DMH
B
U20mia
High speed DM
22
AGND0
P
Power
Analog ground
23
RREF
A
U20mia
Reference resister connect (****)
24
AVCC1
P
Power
Analog VCC
25
X2
B
Clock
Crystal output
26
X1
I
Clock
Crystal input, 12Mhz
27
AGND1
P
Power
Analog ground
28
TEST
I
I/O 8
TEST mode input
pd
29
CS0_
O
I/O 16
Chip select 0
tri
30
DA0
O
I/O 16
IDE address 0
tri
31
DA1
O
I/O 16
IDE address 1
tri
32
INTRQ
I
I/O 8
IDE interrupt input
tri
33
DMACK_
O
I/O 16
IDE acknowledge
tri
34
IORDY
I
I/O 16
IDE ready
pu
35
DIOR_
O
I/O 16
IDE read signal
tri
36
DIOW_
O
I/O 16
IDE write signal
tri
37
DMARQ
I
I/O 8
IDE request
pd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com