Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL811USB Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # GL811USB
Description  USB 2.0 to ATA / ATAPI Bridge Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL811USB Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button GL811USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 18Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 19Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 20Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller
©2000-2002 Genesys Logic Inc.—All rights reserved.
Page 16
3.1 Device never negates IORDY, devices keeps IORDY released: no wait is generated.
3.2 Device negates IORDY before tA, but causes IORDY to be asserted before tA. IORDY is
released prior to negation and may be asserted for no more than 5 ns before release: no
wait generated.
3.3 Device negates IORDY before tA, IORDY is released prior to negation and may be
asserted for no more than 5 ns before release: wait generated. The cycle completes after
IORDY is released. For cycles where a wait is generated and DIOR_ is asserted, the
device shall read data on IODD(0:7) for tRD before asserting IORDY.
4.DMACK_ shall remain negated during a register transfer.
Register transfer timing parameters
Timing (ns)
t0
Cycle time
2000
t1
Address valid to DIOR_/ DIOW_ setup
1000
t2
DIOR_/ DIOW_ pulse width 8-bit
300
t2i
DIOR_/ DIOW_ recovery time
900
t3
DIOW_ data setup
80
t4
DIOW_ data hold
40
t5
DIOR_ data setup
-
t6
DIOR_ data hold
-
t6Z
DIOR_ data tristate
-
t9
DIOR_/ DIOW_ to address valid hold
900
tRD
Read Data Valid to IORDY active
(if IORDY initially low after tA)
tA
IORDY Setup time
-
tB
IORDY Pulse Width
-
tC
IORDY assertion to release (max)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com