Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73837-AMI/MF Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 16Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 17Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 18Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 19Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 20Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 21Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 22Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 23Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
MCP73837/8
DS20002071C-page 20
 2007-2015 Microchip Technology Inc.
6.0
APPLICATIONS
The MCP73837/8 devices are designed to operate in
conjunction with a host microcontroller or in
stand-alone applications. The MCP73837/8 devices
provide the preferred charge algorithm for Lithium-Ion
and Lithium-Polymer cells, Constant-Current followed
by Constant-Voltage. Figure 6-1 depicts a typical
stand-alone MCP73837 application circuit, while
Figure 6-2 and Figure 6-3 depict the accompanying
charge profile.
FIGURE 6-1:
MCP73837 Typical Stand-Alone Application Circuit.
FIGURE 6-2:
Typical Charge Profile
(1200 mAh Li-Ion Battery).
FIGURE 6-3:
Typical Charge Profile in
Thermal Regulation (1200 mAh Li-Ion Battery).
STAT1
V
AC
V
SS
/PG
V
BAT
Single
Li-Ion
Cell
4
MCP73837
5
3
1
2
STAT2
THERM
V
USB
PROG1
PROG2
USB Port
6
7
Hi
Low
Thermistor
R
PROG
8
9
10
1

1

1

REGULATED
WALL CUBE
C
IN1
C
IN2
C
OUT
0.0
1.0
2.0
3.0
4.0
5.0
Time (Minutes)
0
0.2
0.4
0.6
0.8
1
1.2
VDD = 5.2V
RPROG = 1 kΩ
1200 mAh Li-Ion Battery
IOUT
VOUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0123456789
10
Time (Minutes)
0
0.3
0.6
0.9
1.2
VDD = 5.2V
RPROG = 1 kΩ
1200 mAh Li-Ion Battery
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com