Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73837-AMI/MF Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 28Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 29Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 30Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 31Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 32Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 33Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 34Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 35Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20002071C-page 3
3
MCP73837/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
OPERATIONAL OUTPUT OPTIONS
Output Options
VREG
IPREG/IREG
VPTH/VREG
ITERM/IREG
VRTH/VREG
Timer Period
AM
4.20V
10%
71.5%
7.5%
96.5%
0 hours
BZ
4.20V
100%
N/A
7.5%
96.5%
0 hours
FC
4.20V
10%
71.5%
7.5%
96.5%
6 hours
GP
4.20V
100%
N/A
7.5%
96.5%
6 hours
G8
4.20V
10%
71.5%
7.5%
96.5%
8 hours
NV
4.35V
10%
71.5%
7.5%
96.5%
6 hours
YA
4.40V
10%
71.5%
7.5%
96.5%
6 hours
6S
4.50V
10%
71.5%
7.5%
96.5%
6 hours
B6
4.20V
10%
66.5%
5.0%
96.5%
4 hours
CN
4.20V
10%
71.5%
20%
94%
4 hours
FJ
4.20V
10%
71.5%
20%
94%
6 hours
Device:
MCP73837: 1A Fully Integrated Charger,
PG function on pin 8
MCP73837T: 1A Fully Integrated Charger,
PG function on pin 8
(Tape and Reel)
MCP73838: 1A Fully Integrated Charger,
TE function on pin 8
MCP73838T: 1A Fully Integrated Charger,
TE function on pin 8
(Tape and Reel)
Output Options(1)
Refer to “Operational Output Options” table for different
operational output options.
Temperature:
I
= -40
C to +85C
Package Type:
MF = 10-Lead Plastic Dual Flat, No Lead Package
3x 3x 0.9 mm Body, DFN
UN = 10-Lead Plastic Micro Small Outline Package,
MSOP (2)
PART NO.
XX
Output
Device
Options*
X/
Temp.
XX
Package
Examples(1):
a)
MCP73837-FCI/MF:
10-lead DFN package
b)
MCP73837-FJI/MF:
10-lead DFN package
c)
MCP73837-NVI/MF:
10-lead DFN package
d)
MCP73837T-FCI/MF: 10-lead DFN package,
Tape and Reel
e)
MCP73837T-FJI/MF:
10-lead DFN package,
Tape and Reel
f)
MCP73837T-NVI/MF: 10-lead DFN package,
Tape and Reel
g)
MCP73837-FCI/UN:
10-lead MSOP package
h)
MCP73837-FJI/UN:
10-lead MSOP package
i)
MCP73837-NVI/UN:
10-lead MSOP package
j)
MCP73837T-FCI/UN: 10-lead MSOP package
Tape and Reel
k)
MCP73837T-FJI/UN:
10-lead MSOP package
Tape and Reel
l)
MCP73837T-NVI/UN: 10-lead MSOP package
Tape and Reel
a)
MCP73838-FCI/MF:
10-lead DFN package
b)
MCP73838-FJI/MF:
10-lead DFN package
c)
MCP73838-NVI/MF:
10-lead DFN package
d)
MCP73838T-FCI/MF: 10-lead DFN package
Tape and Reel
e)
MCP73838T-FJI/MF:
10-lead DFN package
Tape and Reel
f)
MCP73838T-NVI/MF: 10-lead DFN package
Tape and Reel
g)
MCP73838-AMI/UN:
10-lead MSOP package
h)
MCP73838-FCI/UN:
10-lead MSOP package
i)
MCP73838-FJI/UN:
10-lead MSOP package
j)
MCP73838-NVI/UN:
10-lead MSOP package
k)
MCP73838T-AMI/UN: 10-lead MSOP package
Tape and Reel
l)
MCP73838T-FCI/UN: 10-lead MSOP package
Tape and Reel
m)
MCP73838T-FJI/UN:
10-lead MSOP package
Tape and Reel
n)
MCP73838T-FCI/UN: 10-lead MSOP package
Tape and Reel
Note 1:
Consult the factory for alternative device options.
2:
Consult the factory for MSOP package availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com