Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73837-AMI/MF Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 1 Page - Microchip Technology

  MCP73837-AMI/MF Datasheet HTML 1Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 2Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 3Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 4Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 5Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 6Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 7Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 8Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20002071C-page 1
MCP73837/8
Features
• Highly Accurate Preset Voltage Regulation:
±0.5%
• Available Voltage Regulation Options:
- 4.20V, 4.35V, 4.4V or 4.5V
• Complete Linear Charge Management Controller:
- Autonomous Power Source Selection
- Integrated Pass Transistors
- Integrated Current Sense
- Integrated Reverse Discharge Protection
• Constant Current (CC)/Constant Voltage (CV)
Operation with Thermal Regulation
• Selectable USB Port Charge Current:
- Low: 1 Unit Load
- High: 5 Unit Loads
• Programmable AC Adapter Charge Current:
- 15 mA – 1000 mA
• Two-Charge Status Outputs
• Power-Good Monitor: MCP73837
• Timer Enable: MCP73838
• Automatic Recharge:
- Selectable Voltage Threshold
• Automatic End-of-Charge Control:
- Selectable Charge Termination Current Ratio
- Selectable Safety Timer Period
• Preconditioning of Deeply Depleted Cells – Can
Be Disabled
• Battery Cell Temperature Monitor
• UVLO (Undervoltage Lockout)
• Automatic Power-Down When Input Power Is
Removed
• Low-Dropout (LDO) Linear Regulator Mode
• Numerous Selectable Options Available for a
Variety of Applications:
- Refer to Section 1.0 “Electrical Characteris-
tics” for Selectable Options
- Refer to the “Product Identification System”
for Standard Options
• Temperature Range: -40°C to 85°C
• Packaging:
- 10-Lead 3 mm x 3 mm DFN
- 10-Lead MSOP*
* Consult the factory for MSOP availability.
Applications
• Smart Phones and Personal Data Assistants
(PDA)
• Portable Media Players (PMP)
• Ultra Mobile Devices (UMD)
• Digital Cameras
• MP3 Players
• Bluetooth Headsets
• Handheld Medical Devices
• AC/USB Dual Source Li-Ion Battery Chargers
Description
The MCP73837 and MCP73838 devices are fully
integrated linear Li-Ion/Li-Polymer battery chargers
with autonomous power source selection. Along with its
small physical size, the low number of external
components required makes the MCP73837/8 ideally
suitable for portable applications.
The MCP73837/8 automatically selects the USB port or
AC adapter as the power source for the system. For the
USB port powered systems, the MCP73837/8
specifically adheres to the current limits governed by
the USB specification. The host microcontroller can
select from two preset maximum charge current rates
of 100 mA (low-power USB port) or 500 mA
(high-power USB port). With an AC adapter providing
power to the system, an external resistor sets the mag-
nitude of the system or charge current up to a
maximum of 1A.
The MCP73837/8 employs a constant current/constant
voltage
charge
algorithm
with
selectable
preconditioning and charge termination. The constant
voltage regulation is fixed with four available options:
4.20V, 4.35V, 4.40V or 4.50V, to accommodate the new
emerging
battery
charging
requirements.
The
MCP73837/8 limits the charge current, based on die
temperature, during high power or high ambient
conditions. This thermal regulation optimizes the
charge cycle time while maintaining the reliability of the
device .
The MCP73837/8 are fully specified over the ambient
temperature range of -40°C to +85°C.
The MCP73837/8 devices are available in either a
3 mm x 3 mm 10-lead DFN package or a 10-lead
MSOP package.
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge
Management Controller with Autonomous AC Adapter or
USB Port Source Selection


Similar Part No. - MCP73837-AMI/MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP738376SIMF MICROCHIP-MCP738376SIMF Datasheet
842Kb / 30P
Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP738376SIUN MICROCHIP-MCP738376SIUN Datasheet
842Kb / 30P
Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73837AMIMF MICROCHIP-MCP73837AMIMF Datasheet
842Kb / 30P
Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73837AMIUN MICROCHIP-MCP73837AMIUN Datasheet
842Kb / 30P
Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
More results

Similar Description - MCP73837-AMI/MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
logo
Texas Instruments
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com