Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73837-AMI/MF Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 18Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 19Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 20Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 21Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 22Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 23Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 24Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 25Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
MCP73837/8
DS20002071C-page 22
 2007-2015 Microchip Technology Inc.
6.1.1.3
Thermal Considerations
The worst-case power dissipation in the battery char-
ger occurs when the input voltage is at the maximum
and
the
device
has
transitioned
from
the
Preconditioning mode to the Constant-current mode. In
this case, the power dissipation is:
EQUATION 6-1:
For example, power dissipation with a 5V, ±10% input
voltage source, and a 500 mA, ±10% fast charge
current is calculated in the following example:
EXAMPLE 6-1:
This power dissipation with the battery charger in the
MSOP-10 package will cause thermal regulation to be
entered as depicted in Figure 6-3. Alternatively, the
3 mm x 3 mm DFN package could be utilized to reduce
the charge cycle times.
6.1.1.4
External Capacitors
The MCP73837/8 is stable with or without a battery
load. In order to maintain good AC stability in the Con-
stant Voltage mode, a minimum capacitance of 1 µF is
recommended to bypass the VBAT pin to VSS. This
capacitance provides compensation when there is no
battery load. In addition, the battery and interconnec-
tions appear inductive at high frequencies. These ele-
ments are in the control feedback loop during Constant
Voltage mode. Therefore, the bypass capacitance may
be necessary to compensate for the inductive nature of
the battery pack.
Virtually any good quality output filter capacitor can be
used, independent of the capacitor’s minimum Effec-
tive Series Resistance (ESR) value. The actual value of
the capacitor (and its associated ESR) depends on the
output load current. A 1 µF ceramic, tantalum, or alumi-
num electrolytic capacitor at the output is usually suffi-
cient to ensure stability for output currents up to
500 mA.
6.1.1.5
Reverse-Blocking Protection
The MCP73837/8 provides protection from a faulted or
shorted input. Without the protection, a faulted or
shorted input would discharge the battery pack through
the body diode of the internal pass transistor.
6.1.1.6
Charge Inhibit
The current regulation set input pin (PROG1/2) can be
used to terminate a charge at any time during the
charge cycle, as well as to initiate a charge cycle or a
recharge cycle.
Placing a programming resistor from the PROG1 input
to VSS or driving PROG2 to logic High or Low enables
the device. Allowing either the PROG1/2 input to float
disables the device and terminates a charge cycle.
When disabled, the device’s supply current is reduced
to 75 µA, typically.
6.1.1.7
Temperature Monitoring
The charge temperature window can be set by placing
fixed value resistors in series-parallel with a thermistor.
The resistance values of RT1 and RT2 can be calculated
with the following equations in order to set the
temperature window of interest.
For NTC thermistors, see Equation 6-2.
EQUATION 6-2:
For example, by utilizing a 10 k
 at +25°C NTC
thermistor with a sensitivity index,
, of 3892, the
charge temperature range can be set to 0°C – +50°C
by placing a 1.54 k
 resistor in series (RT1), and a
69.8 k
 resistor in parallel (RT2) with the thermistor.
6.1.1.8
Charge Status Interface
A status output provides information on the state of
charge. The output can be used to illuminate external
LEDs or interface to a host microcontroller. Refer to
Table 5-1 or Figure 4-1 for information on the state of
the status output during a charge cycle.
PowerDissipation
V
DDMAX
V
PTHMIN
–
 I
REGMAX
=
Where:
VDDMAX = the maximum input voltage
IREGMAX = the maximum fast charge current
VPTHMIN = the minimum transition threshold
voltage
Po werDissipa tion
5.5V
2.7V
–
 550mA
1.54 W
==
24k
R
T1
R
T2
R
COLD
R
T2
R
+
COLD
---------------------------------
+
=
5k
R
T1
R
T2
R
HOT
R
T2
R
+
HOT
------------------------------
+
=
Where:
RT1 = the fixed series resistance
RT2 = the fixed parallel resistance
RCOLD = the thermistor resistance at the lower
temperature of interest
RHOT = the thermistor resistance at the
upper temperature of interest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com