Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73837-AMI/MF Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 9Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 10Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 11Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 12Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 13Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 14Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 15Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 16Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20002071C-page 13
MCP73837/8
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
AC Adapter Supply Input (VAC)
A supply voltage of VREG + 0.3V to 6V from the AC/DC
wall-adapter is recommended. When both the AC
adapter and the USB port supply voltages are present
at the same time, the AC adapter dominates the regu-
lated charge current with the maximum value of 1A.
Bypass to VSS, with a minimum of 4.7 µF, is
recommended.
3.2
USB Port Supply Input (VUSB)
A supply voltage of VREG + 0.3V to 6V from the USB
port is recommended. When no supply voltage from
VAC pin is available, the Li-Ion battery is charged
directly from USB port. Bypass to VSS, with a minimum
of 1 µF, is recommended.
3.3
Charge Status Output 1 (STAT1)
STAT1 is an open-drain logic output for connection to a
LED for charge status indication. Alternatively, a pull-up
resistor can be applied for interfacing to a host
microcontroller.
3.4
Charge Status Output 2 (STAT2)
STAT2 is an open-drain logic output for connection to a
LED for charge status indication. Alternatively, a pull-up
resistor can be applied for interfacing to a host
microcontroller.
3.5
Battery Management 0V Reference
(VSS)
Connect to the negative terminal of the battery and
input supply.
3.6
AC Adapter Current Regulation
Set (PROG1)
The AC adapter constant charge current is set by
placing a resistor from PROG1 to VSS. PROG1 is the
set point of precondition and termination when the AC
adapter is present.
PROG1 also functions as device charge control
enable. The MCP73837/8 is shut down when an
impedance value greater than 70 k
 is applied to
PROG1. When PROG1 is floating, the MCP73837/8
enters into Stand-By mode.
Pin Number
Symbol I/O
Function
DFN-10
MSOP-10
11
VAC
I
AC Adapter Supply Input
22
VUSB
I
USB port Supply Input
3
3
STAT1
O
Charge Status Output 1 (Open-Drain)
4
4
STAT2
O
Charge Status Output 2 (Open-Drain)
55
VSS
— Battery Management 0V Reference
6
6
PROG1 I/O Current Regulation Setting With AC Adapter; Device Charge Control Enable;
Precondition Set Point for AC control
7
7
PROG2
I
Current Regulation Setting With USB Port; Precondition Set Point for USB
control.
88
PG
O
Available on MCP73837: Power-Good Status Output (Open-Drain)
88
TE
I
Available on MCP73838: Timer Enable; Enables Safety Timer (Active Low)
9
9
THERM I/O Thermistor Monitoring Input and Bias current; System Test (LDO) Mode Input
10
10
VBAT
I/O Battery Positive Input and Output Connection
11
—
EP
— EP (Exposed Thermal Pad)
There is an internal electrical connection between the exposed thermal pad
and VSS. The EP must be connected to the same potential as the VSS pin on
the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com