Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73837-AMI/MF Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 3Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 4Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 5Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 6Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 7Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 8Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 9Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 10Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20002071C-page 7
MCP73837/8
AC CHARACTERISTICS
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (typical) + 0.3V] to 6V.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V] .
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
UVLO Start Delay
tSTART
——
5
ms
VDD Low to High
Current Regulation
Transition Time Out of Precondition
tDELAY
——10
ms
VBAT < VPTH to VBAT > VPTH
Current Rise Time Out of Precondition
tRISE
——10
ms
IOUT Rising to 90% of IREG
Precondition Comparator Filter Time
tPRECON
0.4
1.3
3.2
ms
Average VBAT Rise/Fall
Termination Comparator Filter Time
tTERM
0.4
1.3
3.2
ms
Average IOUT Falling
Charge Comparator Filter Time
tCHARGE
0.4
1.3
3.2
ms
Average VBAT Falling
Thermistor Comparator Filter Time
tTHERM
0.4
1.3
3.2
ms
Average THERM Rise/Fall
Elapsed Timer
Elapsed Timer Period
tELAPSED
0
0
0
Hours
Timer Disabled
—
3.6
4.0
4.4
Hours
—
5.4
6.0
6.6
Hours
—
7.2
8.0
8.8
Hours
Status Indicators
Status Output Turn-off
tOFF
—
—
500
µs
ISINK = 1mA to 0mA
Status Output Turn-on
tON
—
—
500
µs
ISINK = 0mA to 1mA
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (typ.) + 0.3V] to 6V.
Typical values are at +25°C, VDD = [VREG (typ.) + 1.0V] .
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 10-Lead MSOP
JA
—
113
—
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection(1)
Thermal Resistance, 10-Lead 3 x 3 DFN
JA
—
41
—
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection
Note 1:
This represents the minimum copper condition on the Printed Circuit Board (PCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com