Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9012 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC9012
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9012 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC9012 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 12Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Silan
Semiconductors
SC9012
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
9
CHIP TOPOGRAPHY
17
16
15
14
13
12
11
18
19
20
1
2
3
4
5
6
7
89
10
Size: 1.25 x 1.47 mm
2
PAD COORDINATES (Unit: µm)
No.
Symbol
X
Y
No.
Symbol
X
Y
1
P1
-2.5
550.2
11
P11
438.6
-674.0
2
P2
-142.3
550.2
12
P12
432.7
-455.3
3
P3
-282.1
550.2
13
P13
432.7
-315.2
4
P4
-422.4
550.2
14
P14
432.7
-175.6
5
P5
-564.0
-208.0
15
P15
432.7
-35.7
6
P6
-564.0
-348.0
16
P16
432.7
107.7
7
P7
-564.0
-488.3
17
P17
432.7
243.8
8
P8
-554.7
-671.2
18
P18
438.9
550.2
9
P9
-178.8
-671.2
19
P19
278.7
550.2
10
P10
-39.9
-671.2
20
P20
137.4
550.2
Note: The original point of the coordinate is the die center.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com