Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9012 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC9012
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9012 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9012 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Silan
Semiconductors
SC9012
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
3
FUNCTIONAL DESCRIPTION
1. OSCILLATION CIRCUIT
An oscillator circuit may be constructed by connecting a 480kHz or 455kHz Crystal Resonator and two capacitors
between OSCO and OSCI. Please refer to the follow diagram. Unless the keys are being operated, the oscillation is
normally stopped. Thus, power consumption is considerably reduced.
OSCO
OSCI
100pf
100pf
9
8
SC9012
455kHz
2. OSCILLATION FREQUENCY
The oscillator frequency is 455kHz, passed by a 12 division frequency circuit, can get a 37.9 ~ 39.2 frequency; 1/3
duty carrier. In addition, The oscillator frequency divided by 256, can get the basic system work time (1.78kHz). The
relation of carrier frequency (fc), internal work time period (Tm) and oscillator frequency (fosc) is given below:
fc =
1/12
× fosc
duty
1/3
Tm = 256 / fosc
Tm
the width of a high level pulse
.
3. KEY MATRIX
Key Inputs -- KI0~KI3 of SC9012 have built-in pull-down resistors, which combined 32 keys matrix with Key Outputs
--KO0~KO7. Except the stated 6 double keys, Pressing other keys that are NOT intended for the double key
operation do NOT generate any output. Please refer to the follow diagram for the keys input matrix of SC9012.
5
1
13
9
21
17
29
25
6
2
14
10
22
18
30
26
7
3
15
11
23
19
31
27
8
4
16
12
24
20
32
28
KI0
KI1
KI2
KI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com