Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9012 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9012
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9012 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9012 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Silan
Semiconductors
SC9012
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
4
4. CUSTOMER CODE
There are 8 customer codes, can be selected by using the SEL pin connected with any pin of “KO0 ~ KO7”. Please
refer to follow diagram:
Connected with
SEL
System Code
(S2
S1 S0
KO0
000
KO1
001
KO2
010
KO3
011
KO4
100
KO5
101
KO6
110
20
19
18
17
16
15
14
13
12
SEL
KO0
KO1
KO2
KO3
KO4
KO5
KO6
KO7
KO2 connected with SEL, the value of S2, S1, S0 is 0,1,0
KO7
111
The Custom Code consists of 8 bits

S0
S1
S2
S3
S4
S5
S6
S7
Among these, S0, S1, S2 can be selected with SEL Pin and any pin of “KO0 ~ KO7”; Bit S3 has a fixed value of “1”;
Bits S4 ~S7haveafixed valueof “0”.
5. TRANSMISSION CODE
S0 S1 S2 S3
S5
S4
S6 S7
D0 D1 D2 D3 D4
D0 D1 D2 D3 D4 D5 D6 D7
D5 D6 D7
Leader
Code
Custumer Code
Customer Code
Key Data Code
Key Data Code
S0 S1 S2 S3
S5
S4
S6
S7
Refer to the above diagram, the transmission code consists of leader code, customer code, and key data code.; The
leader code consists of a 4.5 ms carrier waveform followed by a 4.5 ms OFF waveform. The 8-bits customer code
transmitted two times; The 8-bits key data code transmitted two times also, first is the origin code; second is the
inverse code.
The code uses the PPM (Pulse Position Modulation ) Method, with “0”and “1” differentiated by the time between
pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com