Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9012 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC9012
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9012 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC9012 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Silan
Semiconductors
SC9012
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
1
INFRARED REMOTE CONTROL
TRANSMITTER
DESCRIPTION
SC9012 is an infrared remote control transmitter utilizing CMOS
Technology specially designed for use on infrared remote control
applications. It is capable of controlling 32 function keys and 6
double keys. Each system has a maximum of 8 commands; thus,
SC9012 can provide up to a total of 256 commands.
The pin assignments and application circuit are optimized for easy
PCB Layout and cost saving advantage. SC9012 is housed in a 20-
pins SO package.
FEATURES
* CMOS Technology
* Low Power Consumption
* Built-in Oscillation Circuit
* Least External Components
* 32 Function Keys
8 Customer Codes
Up to 256 Commands
* 6 Double Function Keys
* LED Indication of Transmission
SOP-20
ORDERING INFORMATION
SC9012
SOP-20 Package
APPLICATIONS
* Infrared Remote Control Transmitter
Equipment
* Television Remote control Equipment
* VCR Remote control Equipment
* VCD, Audio Equipment
PIN CONFIGURATION
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
KI0
KI1
KI2
KI3
DOUT
VDD
NC
OSCO
OSCI
Vss
SEL
KO0
KO1
KO2
KO3
KO4
KO5
KO6
KO7
LMP
SC9012
8
9
OSC Circuit
Frequency
Division Circuit
Timing Generation
Customer Code
Latch Circuit
Key Input Scan Circuit
1
2
3
4
Output Circuit
Carrier
Generation Circuit
Control Circuit
Digital Circuit
19
18
17
16
15
14
13
12
Key Output Scan Circuit
10
6
20
7
5
11
NC
OSCI
DOUT
LMP
VSS
VDD
KI0 KI1 KI2 KI3
KO0 KO1 KO2 KO3 KO4 KO5 KO6 KO7
SEL
OSCO


Similar Part No. - SC9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC9016-000 ETC1-SC9016-000 Datasheet
53Kb / 2P
FET Chip Mounting Capacitors (MIS)
SC9017-000 ETC1-SC9017-000 Datasheet
53Kb / 2P
FET Chip Mounting Capacitors (MIS)
More results

Similar Description - SC9012

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC50560 SILAN-SC50560 Datasheet
224Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com