Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9012 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9012
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9012 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9012 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Silan
Semiconductors
SC9012
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
2
ABSOLUTE MAXIMUM RATING (Tamb=>25°C
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD
-0.3 ~ 5.0
V
Input Voltage With Respect To Vss
VIN
Vss-0.3 ~ VDD+0.3
V
Output Current
IOUT(REO)
-20
mA
Power Dissipation
Pd
300
mW
Storage Temperature
Tstg
-40 ~ +125
°C
Operating Temperature
TOPR
-20 ~ +75
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C,VDD=3V)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Operating supply Voltage
VDD
All Function Operating
2.0
--
4.0
V
Operating Supply Current
IDD
fOSC=455 kHz
--
--
1
mA
Stand-By Current
ISB
All Keys Off Stops. Oscillation
Output Floating.
1
µA
Output High Level Current (Dout)
IOH
VOH=1.5V, VDD =3V
-10
--
--
mA
Output Low Level Current (LMP)
IOL
VOL=1.5V, VDD =3V
5
--
--
mA
Input High Level Voltage (KI)
VIH
VDD =3V
0.7 VDD
VDD
V
Input Low Level Voltage (KI)
VIL
VDD =3V
0
0.3 VDD
V
Oscillation Frequency
fosc
--
400
455
600
kHz
Input Pull-down Resistor (KI)
RON
VDD =3V
100
300
500
k
Ω
PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1~4
KI0~KI3
I
Key Scan Input Pins. Each pin has a built-in pull-down resistor
5DOUT
O
Infrared LED Driving Output Pin
6VDD
--
Positive Power Supply
7
NC
--
No Connection. (When used, Suggest to connected with VDD)
8
OSCO
O
Oscillator Output Pin
9
OSCI
I
Oscillator Input Pin
10
VSS
--
Negative Power Supply
11
LMP
O
LED Display Output Pin
12~19
KO0~KO8
O
Key Scan Output Pins
20
SEL
I
Custom Code Selection Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com