Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9012 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9012
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9012 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9012 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9012 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Silan
Semiconductors
SC9012
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
5
The waveforms of leader code, bit “0” and bit “1” refer to follow diagram:
4.5ms
4.5ms
Tm
Tm
Tm=0.56ms
Tm
3Tm
Leader
Code
Bit“0”
Bit“1”
6. DOUBLE KEY OPERATION
There are 6 double keys operation, such as K21 connected with K22 ~ K24; K25 connected with K26 ~ K28, refer to
the follow table:
The Primary Key
The Secondary Key
D0
D1
D2
D3
D4
D5
D6
D7
K22
1
0
1
01100
K23
0
1
1
01100
K21
K24
1
1
1
01100
K26
1
0
0
11100
K27
0
1
0
11100
K25
K28
1
1
0
11100
When any of the double or multiple key combinations are pressed, except the 6 keys mentioned above, there is no
output.
In addition, Double Key Operation is useful for tape deck recording operation. Press the K21 or K23 key at the first
then followed by the secondary key such as K22~K24; K26~K28.
Please refer to the follow diagram:
1. Double Key Operation available
K21(K25) Key Code Transmission
T>126ms
K21
(K25)
K22~K24
K26~K28
K22~K24+D5(1) Key Code Transmission
(K26~K28+D5(1))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com