Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM26 Datasheet HTML 1Page - National Semiconductor (TI) LM26 Datasheet HTML 2Page - National Semiconductor (TI) LM26 Datasheet HTML 3Page - National Semiconductor (TI) LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI) LM26 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltages from the indicated pins to SGND/PGND:
VIN, ILIM1, ILIM2, KS1, KS2
−0.3V to 32V
SW1, SW2, RSNS1, RSNS2
−0.3 to (V
IN +
0.3)V
FB1, FB2, VDD1, VDD2
−0.3V to 6V
PGOOD, COMP1, COMP2, UV
Delay
−0.3V to (VLIN5
+0.3)V
ON/SS1, ON/SS2 (Note 2)
−0.3V to (VLIN5
+0.6)V
CBOOT1 to SW1, CBOOT2 to SW2
−0.3V to 7V
LDRV1, LDRV2
−0.3V to
(VDD+0.3)V
HDRV1 to SW1, HDRV2 to SW2
−0.3V
HDRV1 to CBOOT1, HDRV2 to
CBOOT2
+0.3V
Power Dissipation (T
A = 25˚C),
(Note 3)
1.1W
Ambient Storage Temperature
Range
−65˚C to +150˚C
Soldering Dwell Time, Temperature
(Note 4)
Wave
Infrared
Vapor Phase
4 sec, 260˚C
10sec, 240˚C
75sec, 219˚C
ESD Rating (Note 5)
2kV
Operating Ratings(Note 1)
VIN (VLIN5 tied to VIN)
4.5V to 5.5V
VIN (VIN and VLIN5 separate)
5.5V to 30V
Junction Temperature
−40˚C to +125˚C
Electrical Characteristics
Unless otherwise specified, V
IN = 15V, GND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type apply
over the specified operating junction temperature range, (-20˚C to +125˚C, if not otherwise specified). Specifications appearing
in plain type are measured using low duty cycle pulse testing with T
A = 25˚C (Note 6), (Note 7). Min/Max limits are guaranteed
by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
System
∆V
OUT/VOUT
Load Regulation
VIN = 15V, V
compx = 0.5V to 1.5V
0.04
%
∆V
OUT/VOUT
Line Regulation
5.5V
≤ VIN ≤ 30V, V
compx =1.25V
0.04
%
V
FB1_FI2
Feedback Voltage
5.5V
≤ VIN ≤ 30V
1.215
1.238
1.260
V
0˚C to 125˚C
1.217
1.259
-40˚C to 125˚C
1.212
1.261
I
VIN
Input Supply Current
V
ON_SSx > 2V
5.5V
≤ VIN ≤ 30V
1.0
2.0
mA
Shutdown (Note 8)
V
ON_SS1 =VON_SS2=0V
37
110
µA
VLIN5
VLIN5 Output Voltage
IVLIN5 = 0 to 25mA,
5.5V
≤ VIN ≤ 30V
4.70
5
5.30
V
-40˚C to 125˚C
4.68
5.30
V
CLos
Current Limit
Comparator Offset
(VILIMX −VRSNSX)
±2
±7.0
mV
I
CL
Current Limit Sink
Current
9
10
11
µA
-40˚C to 125˚C
8.67
11
I
ss_SC1,
I
ss_SC2
Soft-Start Source
Current
V
ON_ss1 =VON_ss2 = 1.5V (on)
0.5
2
5.0
µA
I
ss_SK1,
I
ss_SK2
Soft-Start Sink Current
V
ON_ss1 =VON_ss2 =2V
2
5.2
10
µA
V
ON_SS1,
V
ON_SS2
Soft-Start On Threshold
0.7
1.12
1.4
V
V
SSTO
Soft-Start Timeout
Threshold
(Note 9)
3.3
V
I
sc_uvdelay
UV_DELAY Source
Current
UV-DELAY = 2V
2
5
9
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com