Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM26 Datasheet HTML 10Page - National Semiconductor (TI) LM26 Datasheet HTML 11Page - National Semiconductor (TI) LM26 Datasheet HTML 12Page - National Semiconductor (TI) LM26 Datasheet HTML 13Page - National Semiconductor (TI) LM26 Datasheet HTML 14Page - National Semiconductor (TI) LM26 Datasheet HTML 15Page - National Semiconductor (TI) LM26 Datasheet HTML 16Page - National Semiconductor (TI) LM26 Datasheet HTML 17Page - National Semiconductor (TI) LM26 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Operation Descriptions (Continued)
typical) both channels will latch off. Also, UV_DELAY will be
disabled and the UV_DELAY pin will return to 0V. During
UVP, both the high side and low side FET drivers will be
turned off. If no capacitor is connected to the UV_DELAY pin,
the UVP latch will be activated immediately. To reset the
UVP latch, either the input voltage must be cycled, or both
ON/SS pins must be pulled low. The UVP function can be
disabled by connecting the UV_DELAY pin to ground.
POWER GOOD
A power good pin (PGOOD1) is available to monitor the
output status of Channel 1. As shown in Figure 5, the pin
connects to the output of an open drain MOSFET, which will
remain open while Channel 1 is within operating range.
PGOOD1 will go low (low impedance to ground) under the
following four conditions:
1.
Channel 1 is turned off
2.
Channel 1 output falls below 90.3% of nominal (UVPG1)
3.
OVP on either channel
4.
UVP on either channel
When on, the PGOOD1 pin is capable of sinking 0.95mA
(typical). If an OVP or UVP condition occurs, both channels
will latch off, and the PGOOD1 pin will be latched low. During
a UVPG1 condition, however, PGOOD1 will not latch off. The
pin will stay low until Channel 1 output voltage returns to
94% (typical) of nominal. See Vpwrgd in the Electrical Char-
acteristics table.
OUTPUT CAPACITOR DISCHARGE
Each channel has an embedded 480
Ω MOSFET with the
drain connected to the SWx pin. This MOSFET will dis-
charge the output capacitor of its channel if its channel is off,
or the IC enters a fault state caused by one of the following
conditions:
1.
UVP
2.
UVLO
3.
Thermal shut-down (TSD)
If an output over voltage event occurs, the HDRVx will be
turned off and LDRVx will be turned on immediately to
discharge the output capacitor of both channels through the
inductor.
SWITCHING NOISE REDUCTION
Power MOSFETs are very fast switching devices. In syn-
chronous rectifier converters, the rapid increase of drain
current in the top FET coupled with parasitic inductance will
generate unwanted Ldi/dt noise spikes at the source node of
the FET (SWx node) and also at the VIN node. The magni-
tude of this noise will increase as the output current in-
creases. This parasitic spike noise may turn into electromag-
netic interference (EMI), and can also cause problems in
device performance. Therefore, it must be suppressed using
one of the following methods.
It is strongly recommended to add R-C filters to the current
sense amplifier inputs as shown in Figure 7. This will reduce
the susceptibility to switching noise, especially during heavy
load transients and short on time conditions. The filter com-
ponents should be connected as close as possible to the IC.
As shown in Figure 6, adding a resistor in series with the
SWx pin will slow down the gate drive (HDRVx), thus slowing
the rise and fall time of the top FET, yielding a longer drain
current transition time.
Usually a 3.3
Ω to 4.7Ω resistor is sufficient to suppress the
noise. Top FET switching losses will increase with higher
resistance values.
Small resistors (1-5 ohms) can also be placed in series with
the HDRVx pin or the CBOOTx pin to effectively reduce
switch node ringing. A CBOOT resistor will slow the rise time
of the FET, whereas a resistor at HDRV will reduce both rise
and fall times.
CURRENT SENSING AND LIMITING
As shown in Figure 7, the KSx and RSNSx pins are the
inputs of the current sense amplifier. Current sensing is
accomplished either by sensing the Vds of the top FET or by
sensing the voltage across a current sense resistor con-
nected from VIN to the drain of the top FET. The advantage
of sensing current across the top FET are reduced parts
count, cost and power loss, whereas using a current sense
resistor improves the current sense accuracy. Keeping the
differential current-sense voltage below 200mV ensures lin-
ear operation of the current sense amplifier. Therefore, the
Rdson of the top FET or the current sense resistor must be
small enough so that the current sense voltage does not
exceed 200mV when the top FET is on. There is a leading
edge blanking circuit that forces the top FET on for at least
166ns. Beyond this minimum on time, the output of the PWM
comparator is used to turn off the top FET. Additionally, a
minimum voltage of at least 50mV across Rsns is recom-
mended to ensure a high SNR at the current sense amplifier.
Assuming a maximum of 200mV across Rsns, the current
sense resistor can be calculated as follows:
where Imax is the maximum expected load current, including
overload multiplier (ie:120%), and Irip is the inductor ripple
current (See equation 7). The above equation gives the
maximum allowable value for Rsns. Switching losses will
increase with Rsns, thus lowering efficiency.
The peak current limit is set by an external resistor con-
nected between the ILIMx pin and the KSx pin. An internal
10µA current sink on the ILIMx pin produces a voltage
across the resistor to set the current limit threshold which is
compared to the current sense voltage. A 10nF capacitor
across this resistor is required to filter unwanted noise that
could improperly trip the current limit comparator.
20046209
FIGURE 6. SW Series Resistor
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com