Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM26 Datasheet HTML 1Page - National Semiconductor (TI) LM26 Datasheet HTML 2Page - National Semiconductor (TI) LM26 Datasheet HTML 3Page - National Semiconductor (TI) LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI) LM26 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM2642
Two-Phase Synchronous Step-Down Switching
Controller
General Description
The LM2642 consists of two current mode synchronous
buck regulator controllers with a switching frequency of
300kHz.
The two switching regulator controllers operate 180˚ out of
phase. This feature reduces the input ripple RMS current,
thereby significantly reducing the required input capacitance.
The two switching regulator outputs can also be paralleled to
operate as a dual-phase single output regulator.
The output of each channel can be independently adjusted
from 1.3 to V
IN• maximum duty cycle. An internal 5V rail is
also available externally for driving bootstrap circuitry.
Current-mode feedback control assures excellent line and
load regulation and a wide loop bandwidth for excellent
response to fast load transients. Current is sensed across
either the Vds of the top FET or across an external current-
sense resistor connected in series with the drain of the top
FET. Current limit is independently adjustable for each chan-
nel.
The LM2642 features analog soft-start circuitry that is inde-
pendent of the output load and output capacitance. This
makes the soft-start behavior more predictable and control-
lable than traditional soft-start circuits.
A PGOOD1 pin is provided to monitor the dc output of
channel 1. Over-voltage protection is available for both out-
puts. A UV-Delay pin is also available to allow delayed shut
off time for the IC during an output under-voltage event.
Features
n
Two synchronous buck regulators
n
180˚ out of phase operation
n
4.5V to 30V input range
n
Power good function monitors Ch.1
n
37µA Shutdown current
n
0.04% (typical) line and load regulation error
n
Current mode control with or without a sense resistor
n
Independent enable/soft-start pins allow simple
sequential startup configuration.
n
Configurable for single output parallel operation. (See
Figure 2).
n
Adjustable cycle-by-cycle current limit
n
Input under-voltage lockout
n
Output over-voltage latch protection
n
Output under-voltage protection with delay
n
Thermal shutdown
n
Self discharge of output capacitors when the regulator is
OFF
n
TSSOP package
Applications
n
Embedded computer systems
n
High end gaming systems
n
Set-top boxes
n
WebPAD
Block Diagram
20046201
May 2003
© 2003 National Semiconductor Corporation
DS200462
www.national.com


Similar Part No. - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
130Kb / 6P
Adapter Interface Circuit
LM26 NSC-LM26 Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM26 NSC-LM26 Datasheet
733Kb / 16P
400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
LM26 NSC-LM26 Datasheet
428Kb / 15P
400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
LM26 NSC-LM26 Datasheet
844Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
More results

Similar Description - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Semtech Corporation
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Linear Technology
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642MTCX TI-LM2642MTCX Datasheet
1Mb / 31P
LM2642 Two-Phase Synchronous Step-Down Switching Controller
logo
Linear Technology
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
Two-Phase Synchronous Step-Down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com