Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM26 Datasheet HTML 11Page - National Semiconductor (TI) LM26 Datasheet HTML 12Page - National Semiconductor (TI) LM26 Datasheet HTML 13Page - National Semiconductor (TI) LM26 Datasheet HTML 14Page - National Semiconductor (TI) LM26 Datasheet HTML 15Page - National Semiconductor (TI) LM26 Datasheet HTML 16Page - National Semiconductor (TI) LM26 Datasheet HTML 17Page - National Semiconductor (TI) LM26 Datasheet HTML 18Page - National Semiconductor (TI) LM26 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Operation Descriptions (Continued)
Current limit is activated when the inductor current is high
enough to cause the voltage at the RSNSx pin to be lower
than that of the ILIMx pin. This toggles the comparator, thus
turning off the top FET immediately. The comparator is dis-
abled either when the top FET is turned off or during the
leading edge blanking time. The equation for current limit
resistor, R
lim, is as follows:
Where Ilim is the load current at which the current limit
comparator will be tripped.
When sensing current across the top FET, replace Rsns with
the Rdson of the FET. This calculated Rlim value guarantees
that the minimum current limit will not be less than Imax. It is
recommended that a 1% tolerance resistor be used.
When sensing across the top FET, Rdson will show more
variation than a current sense resistor, largely due to tem-
perature. Rdson will increase proportional to temperature
according to a specific temperature coefficient. Refer to the
manufacturer’s datasheet to determine the range of Rdson
values over operating temperature or see the Component
Selection section (equation 12) for a calculation of maximum
Rdson. This will prevent Rdson variations from prematurely
setting off the current limit comparator as the operating
temperature increases.
To ensure accurate current sensing, special attention in
board layout is required. The KSx and RSNSx pins require
separate traces to form a Kelvin connection to the corre-
sponding current sense nodes.
INPUT UNDER VOLTAGE LOCKOUT (UVLO)
The input under-voltage lock out threshold, which is sensed
via the VLIN5 internal LDO output, is 4.0V (typical). Below
this threshold, both HDRVx and LDRVx will be turned off and
the internal 480
Ω MOSFETs will be turned on to discharge
the output capacitors through the SWx pins. During UVLO,
the ON/SS pins will sink 5mA to discharge the soft start
capacitors and turn off both channels. As the input voltage
increases again above 4.0V, UVLO will be de-activated, and
the device will restart again from soft start phase. If the
voltage at VLIN5 remains below 4.5V, but above the 4.0V
UVLO threshold, the device cannot be guaranteed to oper-
ate within specification.
If the input voltage is between 4.0V and 5.2V, the VLIN5 pin
will not regulate, but will follow approximately 200mV below
the input voltage.
DUAL-PHASE PARALLEL OPERATION
In applications with high output current demand, the two
switching channels can be configured to operate as a two-
180˚ out of phase converter to provide a single output volt-
age with current sharing between the two switching chan-
nels. This approach greatly reduces the stress and heat on
the output stage components while lowering input ripple
current. The sum of inductor ripple current is also reduced
which results in lowering output ripple voltage. Figure 2
shows an example of a typical two-phase circuit. Because
precision current sense is the primary design criteria to
ensure accurate current sharing between the two channels,
both channels must use external sense resistors for current
sensing. To minimize the error between the error amplifiers
of the two channels, tie the feedback pins FB1 and FB2
together and connect to a single voltage divider for output
voltage sensing. Also, tie the COMP1 and COMP2 together
and connect to the compensation network. ON/SS1 and
ON/SS2 must be tied together to enable and disable both
channels simultaneously.
Component Selection
OUTPUT VOLTAGE SETTING
The output voltage for each channel is set by the ratio of a
voltage divider as shown in Figure 8. The resistor values can
be determined by the following equation:
(1)
Where Vfb=1.238V. Although increasing the value of R1 and
R2 will increase efficiency, this will also decrease accuracy.
Therefore, a maximum value is recommended for R2 in
order to keep the output within .3% of Vnom. This maximum
R2 value should be calculated first with the following equa-
tion:
(2)
Where 200nA is the maximum current drawn by FBx pin.
Example: Vnom=5V, Vfb=1.238V, Ifbmax=200nA.
20046210
FIGURE 7. Current Sense and Current Limit
20046211
FIGURE 8. Output Voltage Setting
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com