Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM26 Datasheet HTML 12Page - National Semiconductor (TI) LM26 Datasheet HTML 13Page - National Semiconductor (TI) LM26 Datasheet HTML 14Page - National Semiconductor (TI) LM26 Datasheet HTML 15Page - National Semiconductor (TI) LM26 Datasheet HTML 16Page - National Semiconductor (TI) LM26 Datasheet HTML 17Page - National Semiconductor (TI) LM26 Datasheet HTML 18Page - National Semiconductor (TI) LM26 Datasheet HTML 19Page - National Semiconductor (TI) LM26 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Component Selection (Continued)
(3)
Choose 60K
(4)
The output voltage is limited by the maximum duty cycle as
well as the minimum on time. Figure 9 shows the limits for
input and output voltages. The recommended maximum out-
put voltage is approximately 1V less than the nominal input
voltage. At 30V input, the minimum output is approximately
2.3V and the maximum is approximately 27V.
For input voltages below 5.5V, VLIN5 must be connected to
Vin through a small resistor (approximately 4.7 ohm). This
will ensure that VLIN5 does not fall below the UVLO thresh-
old.
Output Capacitor Selection
In applications that exhibit large and fast load current
swings, the slew rate of such a load current transient may be
beyond the response speed of the regulator. Therefore, to
meet voltage transient requirements during worst-case load
transients, special consideration should be given to output
capacitor selection. The total combined ESR of the output
capacitors must be lower than a certain value, while the total
capacitance must be greater than a certain value. Also, in
applications where the specification of output voltage regu-
lation is tight and ripple voltage must be low, starting from the
required output voltage ripple will often result in fewer design
iterations.
ALLOWED TRANSIENT VOLTAGE EXCURSION
The allowed output voltage excursion during a load transient
(
∆Vc_s) is:
Where ±
δ% is the output voltage regulation window and
±e% is the output voltage initial accuracy.
Example: Vnom = 5V,
δ% = 7%, e% = 3.4%, Vrip = 40mV
peak to peak.
Since the ripple voltage is included in the calculation of
∆Vc_s, the inductor ripple current should not be included in
the worst-case load current excursion. That is, the worst-
case load current excursion should be simply maximum load
current change specification,
∆Ic_s.
MAXIMUM ESR CALCULATION
Unless the rise and fall times of a load transient are slower
than the response speed of the control loop, if the total
combined ESR (Re) is too high, the load transient require-
ment will not be met, no matter how large the capacitance.
The maximum allowed total combined ESR is:
Example:
∆Vc_s = 160mV, ∆Ic_s = 3A. Then Re_max =
53.3m
Ω.
Maximum ESR criterion can be used when the associated
capacitance is high enough, otherwise more capacitors than
the number determined by this criterion should be used in
parallel.
MINIMUM CAPACITANCE CALCULATION
In a switch mode power supply, the minimum output capaci-
tance is typically dictated by the load transient requirement.
If there is not enough capacitance, the output voltage excur-
sion will exceed the maximum allowed value even if the
maximum ESR requirement is met. The worst-case load
transient is an unloading transient that happens when the
input voltage is the highest and when the present switching
cycle has just finished. The corresponding minimum capaci-
tance is calculated as follows:
Notice it is already assumed the total ESR, Re, is no greater
than Re_max, otherwise the term under the square root will
be a negative value. Also, it is assumed that L has already
been selected, therefore the minimum L value should be
calculated before Cmin and after Re (see Inductor Selection
below). Example: Re = 20m
Ω,Vnom=5V, ∆Vc_s = 160mV,
∆Ic_s = 3A, L = 8µH
Generally speaking, Cmin decreases with decreasing Re,
∆Ic_s, and L, but with increasing Vnom and ∆Vc_s.
20046213
FIGURE 9. Available Output Voltage Range
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com