Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM26 Datasheet HTML 2Page - National Semiconductor (TI) LM26 Datasheet HTML 3Page - National Semiconductor (TI) LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI) LM26 Datasheet HTML 9Page - National Semiconductor (TI) LM26 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified, V
IN = 15V, GND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type apply
over the specified operating junction temperature range, (-20˚C to +125˚C, if not otherwise specified). Specifications appearing
in plain type are measured using low duty cycle pulse testing with T
A = 25˚C (Note 6), (Note 7). Min/Max limits are guaranteed
by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
FB1,IFB2
Feedback Input Bias
Current
V
FB1_FIX = 1.5V, VFB2_FIX = 1.5V
65
±200
nA
I
comp1_SC,
I
comp2_SC
COMP Output Source
Current
V
FB1_FIX =VFB2_FIX = 1V,
V
COMP1 =VCOMP2 =1V
18
113
µA
0˚C to 125˚C
32
-40˚C to 125˚C
6
I
comp1_SK,
I
comp2_SK
COMP Output Sink
Current
V
FB1_FIX =VFB2_FIX = 1.5V and
V
COMP1 =VCOMP2 = 0.5V
18
108
µA
0˚C to 125˚C
32
-40˚C to 125˚C
6
gm1, gm2
Transconductance
650
µmho
GI
SNS1,
GI
SNS2
Current Sense Amplifier
(1&2) Gain
V
COMPx = 1.25V
4.2
5.2
7.5
Voltage References and Linear Voltage Regulators
UVLO
VLIN5 Under-voltage
Lockout
Threshold Rising
ON/SS1, ON/SS2 transition
from low to high
3.6
4.0
4.4
V
Logic Outputs
I
OL
PGOOD Low Sink
Current
V
PGOOD = 0.4V
0.60
0.95
mA
I
OH
PGOOD High Leakage
Current
V
PGOOD =5V
5
200
nA
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for which the device is
intended to be functional, but does not guarantee specfic performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
The guaranteed specifications apply only for the test conditions. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
Note 2: ON/SS1 and ON/SS2 are internally pulled up to one diode drop above VLIN5. Do not apply an external pull-up voltage to these pins. It may cause damage
to the IC.
Note 3: The maximum allowable power dissipation is calculated by using PDMAX =(TJMAX -TA)/θJA, where TJMAX is the maximum junction temperature, TA is the
ambient temperature and
θJA is the junction-to-ambient thermal resistance of the specified package. The 1.1W rating results from using 125˚C, 25˚C, and 90.6˚C/W
for TJMAX,TA, and θJA respectively. A θJA of 90.6˚C/W represents the worst-case condition of no heat sinking of the 28-pin TSSOP. A thermal shutdown will occur
if the temperature exceeds the maximum junction temperature of the device.
Note 4: For detailed information on soldering plastic small-outline packages, refer to the Packaging Databook available from National Semiconductor Corporation.
Note 5: For testing purposes, ESD was applied using the human-body model, a 100pF capacitor discharged through a 1.5k
Ω resistor.
Note 6: A typical is the center of characterization data measured with low duty cycle pulse tsting at TA = 25˚C. Typicals are not guaranteed.
Note 7: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TA =TJ = 25˚C. All hot and cold limits
are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 8: Both switching controllers are off. The linear regulator VLIN5 remains on.
Note 9: When SS1 and SS2 pins are charged above this voltage and either of the output voltages at Vout1 or Vout2 is still below the regulation limit, the under
voltage protection feature is initialized.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com