Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP19035_13 Datasheet HTML 26Page - Microchip Technology MCP19035_13 Datasheet HTML 27Page - Microchip Technology MCP19035_13 Datasheet HTML 28Page - Microchip Technology MCP19035_13 Datasheet HTML 29Page - Microchip Technology MCP19035_13 Datasheet HTML 30Page - Microchip Technology MCP19035_13 Datasheet HTML 31Page - Microchip Technology MCP19035_13 Datasheet HTML 32Page - Microchip Technology MCP19035_13 Datasheet HTML 33Page - Microchip Technology MCP19035_13 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MCP19035
DS22326B-page 30
 2012-2013 Microchip Technology Inc.
• For double layer boards, a single ground plane
(usually the bottom) is recommended.
• Use short, wide traces for the MOSFET’s gate
drive connection (LDRV and HDRV signals).
• Place the main MOSFET (control/high-side MOS-
FET) as close as possible to the input capacitors.
• Minimize the connections between MOSFETs, the
inductor and the MCP19035 case (PHASE node).
Place this node over a ground plane to minimize
the radiated noise.
• Place the compensation network components
near the MCP19035 case and connect these
components to a low noise ground (signal
ground).
• Locate the VIN decoupling capacitor close to the
MCP19035 case.
• Locate the Bootstrap Circuit capacitor close to the
MCP19035 case.
• Minimize the area of high frequency current loops.
Figure 6-1 helps the PCB designer to identify the main
high frequency current paths for the Synchronous Buck
Converter.
FIGURE 6-1:
High Frequency Current Paths.
All these currents contain high-frequency components
and can produce EMI. Minimizing the area of these
loops will reduce the radiated noise.
The Reverse Recovery of the SR MOSFET Body Diode
current is an important source of noise and EMI. This
current, although very short (less than 10 ns), can
easily reach a few hundred amps, especially when
using low ESR capacitors for input bypass and very fast
MOSFETs for switching transistors. If this current
passes through a path that has a high inductance, it will
produce an intense voltage ringing.
For noise sensitive applications (for example, RF
applications) the excessive voltage ringing in the
PHASE node produced by Reverse Recovery of SR
MOSFET Body Diode can be reduced by placing a low-
value resistor in series with the bootstrap capacitor.
This resistor will slow down the high-side MOSFET
during low-to-high transition, reducing the slew rate of
the SW node signal. The recommended value for this
resistor is between 2.2Ω and 10Ω, and should be
determined by lab measurements. The penalty of
including this resistor is an efficiency reduction. It
should, however, be no more than 0.5%.
CIN
COUT
L1
Q1
Q2
RL
MCP19035
HDRV
LDRV
PHASE
IIN
ISR
IHDRV
ILDRV
IRR
GND
Where:
IIN = Input Converter current
ISR = Current through the Synchronous Rectifier (SR) MOSFET
IHDRV and ILDRV = MOSFET drivers’ currents
IRR = Current produced by the Reverse Recovery of the SR MOSFET body diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com