Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP19035_13 Datasheet HTML 35Page - Microchip Technology MCP19035_13 Datasheet HTML 36Page - Microchip Technology MCP19035_13 Datasheet HTML 37Page - Microchip Technology MCP19035_13 Datasheet HTML 38Page - Microchip Technology MCP19035_13 Datasheet HTML 39Page - Microchip Technology MCP19035_13 Datasheet HTML 40Page - Microchip Technology MCP19035_13 Datasheet HTML 41Page - Microchip Technology MCP19035_13 Datasheet HTML 42Page - Microchip Technology MCP19035_13 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 39
MCP19035
APPENDIX A:
REVISION HISTORY
Revision B (March 2013)
The following is the list of modifications:
1.
Added the 600 kHz option Switching Frequency
parameter and related information throughout
the document.
2.
Updated the DC Electrical Characteristics table
to reflect the 600 kHz option for the Switching
Frequency parameter.
3.
Updated Figure 2-1, Figure 2-3, and
Figure 2-10.
4.
Updated Section 4.4 “Internal Oscillator”.
5.
Updated the Switching Frequency value in
Equation 4-1.
6.
Updated Section 4.11 “Soft Start”.
7.
Updated Figure 4-3.
8.
Added a note to Section 4.12 “Pre-Bias Load
Start-up”
.
9.
Updated Section 5.2.1 “Switching Frequency
and the Maximum Conversion Ratio”
.
10. Updated Section 7.1 “Package Marking Infor-
mation”
with the 600 kHz Switching Frequency
option markings.
11. Updated the Product Identification System page
with the 600 kHz Switching Frequency option
marking information.
Revision A (November 2012)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com