Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP19035_13 Datasheet HTML 3Page - Microchip Technology MCP19035_13 Datasheet HTML 4Page - Microchip Technology MCP19035_13 Datasheet HTML 5Page - Microchip Technology MCP19035_13 Datasheet HTML 6Page - Microchip Technology MCP19035_13 Datasheet HTML 7Page - Microchip Technology MCP19035_13 Datasheet HTML 8Page - Microchip Technology MCP19035_13 Datasheet HTML 9Page - Microchip Technology MCP19035_13 Datasheet HTML 10Page - Microchip Technology MCP19035_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 7
MCP19035
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, TA =+25°C, VIN = 12V, VOUT = 1.8V, fSW = 300 kHz, CVCC = 4.7 uF.
FIGURE 2-1:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-2:
Input Quiescent Current vs.
Temperature.
FIGURE 2-3:
Relative Oscillator
Frequency Variation vs. Temperature.
FIGURE 2-4:
+VCC-OUT Regulation vs.
Input Voltage.
FIGURE 2-5:
+VCC-OUT Regulation vs.
Load Current.
FIGURE 2-6:
LDO Regulator Dropout
Voltage vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
5.0
6.0
7.0
f
SW = 300 kHz
f
SW = 600 kHz
4.0
0
5
10
15
20
25
30
35
Input Voltage (V)
4.0
6.0
8.0
10.0
0.0
2.0
-50
0
50
100
150
Junction Temperature (°C)
-4.0
-2.0
0.0
2.0
4.0
f
SW = 300 kHz
f
SW = 600 kHz
-10.0
-8.0
-6.0
-50
0
50
100
150
Junction Temperature (°C)
4.99
5.01
5.03
5.05
I
LOAD = 20 mA
4.95
4.97
0
10203040
Input Voltage (V)
4.99
5.01
5.03
5.05
4.95
4.97
0
204060
Load Current (mA)
05
0.75
1
1.25
1.5
I
LOAD = 50 mA
0
0.25
0.5
-50
0
50
100
150
Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com