Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 4 Page - Microchip Technology

  MCP19035_13 Datasheet HTML 1Page - Microchip Technology MCP19035_13 Datasheet HTML 2Page - Microchip Technology MCP19035_13 Datasheet HTML 3Page - Microchip Technology MCP19035_13 Datasheet HTML 4Page - Microchip Technology MCP19035_13 Datasheet HTML 5Page - Microchip Technology MCP19035_13 Datasheet HTML 6Page - Microchip Technology MCP19035_13 Datasheet HTML 7Page - Microchip Technology MCP19035_13 Datasheet HTML 8Page - Microchip Technology MCP19035_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MCP19035
DS22326B-page 4
 2012-2013 Microchip Technology Inc.
Error Amplifier
Gain Bandwidth Product
GBP
6.5
10
—
MHz
Note 1
Open Loop Gain
AOL
70
80
—
dB
Note 1
Input Offset Voltage
VOS
-5
0.1
5
mV
Note 1
Input Bias Current
(FB Pin)
IBIAS
——
5
nA
Note 1
Error Amplifier
Sink Current
ISINK
—5—
mA
Note 1
Error Amplifier
Source Current
ISOURCE
—5—
mA
Note 1
PWM Section
Maximum Duty Cycle
DCMAX
85
—
—
%
Note 1
Minimum ON time
tON(MIN)
50
—
100
ns
6V
 VIN < 30V, Note 1
Soft Start
Soft Start Time
tSS
—8—
ms
Shutdown
Logic Low-to-High
Threshold
SHDNHI
0.85
—
—
V
4.5V
 VIN < 30V, VCC goes
from 0V to 5V
Logic High-to-Low
Threshold
SHDNLO
—
—
0.4
V
4.5V
 VIN < 30V, VCC goes
from 5V to 0V
Power Good
Power Good
Threshold High
PGTH-H
—93
96
% of VREF
Power Good
Threshold Low
PGTH-LOW
88
90
—
% of VREF
Power Good
Threshold Hysteresis
PGTH-HYS
—3—
% of VREF
Power Good Delay
tPG-DELAY
—
150
—
us
VFB = (PGTH-HI + 100 mV) to
(PGTH-LOW – 100 mV)
Power Good Active
Time-Out Period
tPG-TIME-OUT
—
120
—
ms
VFB = (PGTH-HI – 100 mV) to
(PGTH-HI + 100 mV)
MOSFET Drivers
High-Side Driver Pull-up
Resistance
RHI-SOURCE
—2
3.5
VBOOT –VPHASE = 4.5V,
IHDRV = 100 mA, Note 1
High-Side Driver Pull-
Down Resistance
RHI-SINK
—2
3.5
VBOOT –VPHASE = 4.5V,
IHDRV = 100 mA, Note 1
Low-Side Driver Pull-Up
Resistance
RLO-SOURCE
—2
3.5
VCC = 5V, Note 1
Low-Side Driver Pull-
Down Resistance
RLO-SINK
—1
2.5
VCC = 5V, Note 1
HDRV Rise Time
tRH
—15
35
ns
CLOAD = 1.0 nF, Note 1
HDRV Fall Time
tFH
—15
35
ns
CLOAD = 1.0 nF, Note 1
LDRV Rise Time
tRL
—10
25
ns
CLOAD = 1.0 nF, Note 1
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications
: Unless otherwise noted, VIN = 12V, FSW = 300 kHz, CIN = 1.0 µF, TA = +25°C (for typical
values), TA = -40°C to +125°C (for minimum and maximum).
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Note 1:
Ensured by design. Not production tested.
2:
Limited by the maximum power dissipation of the case.
3:
Possibility to be adjusted for high volumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com