Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 5 Page - Microchip Technology

  MCP19035_13 Datasheet HTML 1Page - Microchip Technology MCP19035_13 Datasheet HTML 2Page - Microchip Technology MCP19035_13 Datasheet HTML 3Page - Microchip Technology MCP19035_13 Datasheet HTML 4Page - Microchip Technology MCP19035_13 Datasheet HTML 5Page - Microchip Technology MCP19035_13 Datasheet HTML 6Page - Microchip Technology MCP19035_13 Datasheet HTML 7Page - Microchip Technology MCP19035_13 Datasheet HTML 8Page - Microchip Technology MCP19035_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 5
MCP19035
LDRV Fall Time
tFL
—10
25
ns
CLOAD = 1.0 nF, Note 1
Dead Time
tDT
20
—
—
ns
Two Dead-Time options, see
Section 5.2.2, Dead Time
Selection, Note 1
—12—
Short Circuit Protection
High-Side Over Current
Threshold Voltage
OCTH-HI
430
480
530
mV
Note 1
, VCBOOT = 5V
Low-Side Over Current
Threshold Voltage
OCTH-LO
130
180
230
mV
Note 1, Note 3
Minimum Pulse Width
During Short Circuit
tSS-MIN
—
800
—
ns
Note 1
Off-Time Between
Restart Attempts (Hick-
Up Time)
tSS-HT
30
60
—
ms
Note 1
Thermal Shutdown
Thermal Shutdown
TSHD
—
150
—
°C
Note 1
Thermal Shutdown
Hysteresis
TSHD_HYS
—
15
—
°C
Note 1
TEMPERATURE SPECIFICATIONS
Electrical Characteristics:
Unless otherwise indicated, VIN = 6.0V to 30V, FSW = 300 kHz
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Maximum Junction Temperature
TJ-MAX
——
+150
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 10L-3x3 DFN
JA
—
53.3
—
°C/W Typical 4-Layer board with
interconnecting vias
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications
: Unless otherwise noted, VIN = 12V, FSW = 300 kHz, CIN = 1.0 µF, TA = +25°C (for typical
values), TA = -40°C to +125°C (for minimum and maximum).
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Note 1:
Ensured by design. Not production tested.
2:
Limited by the maximum power dissipation of the case.
3:
Possibility to be adjusted for high volumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com