Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP19035_13 Datasheet HTML 9Page - Microchip Technology MCP19035_13 Datasheet HTML 10Page - Microchip Technology MCP19035_13 Datasheet HTML 11Page - Microchip Technology MCP19035_13 Datasheet HTML 12Page - Microchip Technology MCP19035_13 Datasheet HTML 13Page - Microchip Technology MCP19035_13 Datasheet HTML 14Page - Microchip Technology MCP19035_13 Datasheet HTML 15Page - Microchip Technology MCP19035_13 Datasheet HTML 16Page - Microchip Technology MCP19035_13 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 13
MCP19035
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The
MCP19035
family
of
devices
are
high-
performance controllers providing all the necessary
functions to construct a high-performance DC/DC
converter, while keeping costs and design effort to a
minimum:
• Support for pre-biased outputs eliminates con-
cerns about damaging sensitive loads during
startup.
• Strong gate drivers for the high-side and rectifier
N-Channel MOSFETs decrease switching losses,
yielding increases in efficiency.
• Adaptive gate drive timing prevents shoot-through
and minimizes body diode conduction in the syn-
chronous rectifier MOSFET, which also increases
the efficiency.
• Dead-Time optimization options of the MCP19035
assist in improving the power conversion effi-
ciency, when used with high-speed, low Figure of
Merit MOSFETs.
• Overcurrent protection circuits in both high and
low-side switches, and a short circuit hiccup-
recovery mode increase design flexibility and min-
imize power dissipation in the event of prolonged
output faults.
• The dedicated SHDN pin allows the converter to
be placed in a low quiescent current state.
• Internal fixed converter switching frequency and
soft-start reduce the external component count,
simplifying design and layout, as well as reducing
footprint and size.
• The 3 mm × 3 mm DFN package size also mini-
mizes the overall converter footprint.
FIGURE 4-1:
Internal Block Diagram.
HDRV
LDRV
Oscillator
BOOT
Control
Logic
SHDN
VIN
PWRGD
COMP
FB
PHASE
Cross
Conduction
Protection
HD
LD
Voltage
Regulator
Comp
Dead
Time
Generator
+
-
VCC
Power-Good
Circuit
Shut-Down
Circuit
+
-
SD
EA
SD
UVLO
Circuit
Over-Current
Detection Circuit
Reference
Voltage
Generator
Soft Start
Circuit
FB
SD
GND
VREF
PWM
Over-Temperature
Detection Circuit
OT
OT
VIN
VCC
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com