Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFMPT-TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDFMPT-TR
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFMPT-TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDFMPT-TR Datasheet HTML 3Page - STMicroelectronics LDFMPT-TR Datasheet HTML 4Page - STMicroelectronics LDFMPT-TR Datasheet HTML 5Page - STMicroelectronics LDFMPT-TR Datasheet HTML 6Page - STMicroelectronics LDFMPT-TR Datasheet HTML 7Page - STMicroelectronics LDFMPT-TR Datasheet HTML 8Page - STMicroelectronics LDFMPT-TR Datasheet HTML 9Page - STMicroelectronics LDFMPT-TR Datasheet HTML 10Page - STMicroelectronics LDFMPT-TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LDFM
Electrical characteristics
DocID023585 Rev 4
7/36
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 Va, CIN = 1 µF, COUT = 2.2 µF, ILOAD = 10 mA, VEN = 2 V,
unless otherwise specified.
Table 5: Electrical characteristics for LDFM (fixed versions)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
2.5
16
V
VOUT
VOUT accuracy,
PPAK and DFN6
versions
VOUT
+1 V≤ VIN≤ 16 V(1)
ILOAD = 10 mA
-1
1
%
10 mA ≤ ILOAD≤ 500 mA
TJ = -40 to 125 °C
-1.5
1.5
%
VOUT
VOUT accuracy,
DPAK version
VOUT+1 V(1)
≤ VIN ≤ 16 V
ILOAD = 10 mA
-2
2
%
10 mA ≤ ILOAD ≤ 500 mA
TJ = -40 to 125 °C
-3
3
%
∆VOUT
Static line regulation
VOUT+1 V(1)
≤ VIN ≤ 16 V
0.01
%/V
VOUT+1 V(1)
≤ VIN ≤ 16 V,
TJ = -40 to 125 °C
0.04
∆VOUT
Static load regulation
10 mA ≤ ILOAD ≤ 500 mA
0.1
%/A
10 mA ≤ ILOAD ≤ 500 mA,
TJ = -40 to 125 °C
0.15
0.4
10 mA ≤ ILOAD ≤ 500 mA,
TJ = -40 to 125 °C
DFN6 version
10
mV
VDROP
Dropout voltage (2)
ILOAD = 500 mA,
-40 °C < TJ < 125 °C
125
300
mV
IQ
Quiescent current
ON mode: VEN = 2 V
ILOAD= 10 mA to 500 mA,
TJ = -40 to 125 °C
200
800
µA
OFF Mode:VEN = GND,
PPAK and DFN versions
30
OFF Mode:VEN = GND,
PPAK and DFN versions,
-40 °C < TJ < 125 °C
120
ISC
Short-circuit current
0.8
A
VEN
Enable input logic low
VIN = 2.5 V to 16 V,
-40 °C<TJ<125 °C
0.8
V
Enable input logic high
2
IEN
Enable pin input current
VEN = VIN
5
10
µA
PG
Power Good output
threshold
Rising edge
0.92*
VOUT
V
a For VOUT < 1.5 V; VIN = 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com