Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFMPT-TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # LDFMPT-TR
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFMPT-TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LDFMPT-TR Datasheet HTML 14Page - STMicroelectronics LDFMPT-TR Datasheet HTML 15Page - STMicroelectronics LDFMPT-TR Datasheet HTML 16Page - STMicroelectronics LDFMPT-TR Datasheet HTML 17Page - STMicroelectronics LDFMPT-TR Datasheet HTML 18Page - STMicroelectronics LDFMPT-TR Datasheet HTML 19Page - STMicroelectronics LDFMPT-TR Datasheet HTML 20Page - STMicroelectronics LDFMPT-TR Datasheet HTML 21Page - STMicroelectronics LDFMPT-TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Package information
LDFM
18/36
DocID023585 Rev 4
Table 7: PPAK mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.2
2.4
A1
0.9
1.1
A2
0.03
0.23
B
0.4
0.6
B2
5.2
5.4
C
0.45
0.6
C2
0.48
0.6
D
6
6.2
D1
5.1
E
6.4
6.6
E1
4.7
e
1.27
G
4.9
5.25
G1
2.38
2.7
H
9.35
10.1
L2
0.8
1
L4
0.6
1
L5
1
L6
2.8
R
0.20
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com