Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFMPT-TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LDFMPT-TR
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFMPT-TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LDFMPT-TR Datasheet HTML 25Page - STMicroelectronics LDFMPT-TR Datasheet HTML 26Page - STMicroelectronics LDFMPT-TR Datasheet HTML 27Page - STMicroelectronics LDFMPT-TR Datasheet HTML 28Page - STMicroelectronics LDFMPT-TR Datasheet HTML 29Page - STMicroelectronics LDFMPT-TR Datasheet HTML 30Page - STMicroelectronics LDFMPT-TR Datasheet HTML 31Page - STMicroelectronics LDFMPT-TR Datasheet HTML 32Page - STMicroelectronics LDFMPT-TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LDFM
Package information
DocID023585 Rev 4
29/36
8.6
DFN6 (2x2) packing information
Figure 36: DFN6 (2x2) reel outline
Table 12: DFN6 (2x2) tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A
180
C
12.8
13.2
D
20.2
N
60
T
14.4
A0
2.4
B0
2.4
K0
1.3
P0
4
P
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com