Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFMPT-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDFMPT-TR
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFMPT-TR Datasheet(HTML) 1 Page - STMicroelectronics

  LDFMPT-TR Datasheet HTML 1Page - STMicroelectronics LDFMPT-TR Datasheet HTML 2Page - STMicroelectronics LDFMPT-TR Datasheet HTML 3Page - STMicroelectronics LDFMPT-TR Datasheet HTML 4Page - STMicroelectronics LDFMPT-TR Datasheet HTML 5Page - STMicroelectronics LDFMPT-TR Datasheet HTML 6Page - STMicroelectronics LDFMPT-TR Datasheet HTML 7Page - STMicroelectronics LDFMPT-TR Datasheet HTML 8Page - STMicroelectronics LDFMPT-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
September 2016
DocID023585 Rev 4
1/36
This is information on a product in full production.
www.st.com
LDFM
500 mA very low drop voltage regulator
Datasheet - production data
Features
Input voltage from 2.5 to 16 V
Very low dropout voltage (300 mV max. at
500 mA load)
Low quiescent current (200 µA typ. @ 500
mA load)
Available in 1% precision in PPAK and
DFN6 packages, 2% in DPAK
500 mA guaranteed output current
Wide range of output voltages available on
request: adjustable from 0.8 V, fixed up to
12 V in 100 mV steps
Logic-controlled electronic shutdown
Power Good (PPAK and DFN packages)
Fast dynamic response to line and load
changes
Internal current and thermal protection
Temperature range: - 40 °C to 125 °C
Applications
PCs and laptop computers
Battery-powered equipment
Industrial and medical equipment
Portable equipment
Description
The LDFM is a fast, very low drop linear regulator
which operates from an input supply voltage in
the range of 2.5 V to 16 V.
It is available in fixed and adjustable output
voltage versions, from 0.8 V to 12 V.
The LDFM features high output precision, very
low dropout voltage, low noise, and low quiescent
current, therefore suitable for low voltage
microprocessors and memory applications.
Enable logic control pin and Power Good output
are featured on PPAK/DFN packages.
Current and thermal protection are provided.


Similar Part No. - LDFMPT-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDF STMICROELECTRONICS-LDF Datasheet
1Mb / 33P
1 A very low drop voltage regulator
12-Apr-2017
logo
D+H Mechatronic AG
LDF100 DH-LDF100 Datasheet
469Kb / 3P
Louvre window drives
logo
STMicroelectronics
LDF18PT-TR STMICROELECTRONICS-LDF18PT-TR Datasheet
1Mb / 33P
1 A very low drop voltage regulator
12-Apr-2017
logo
MicroPower Direct, LLC
LDF24E MPD-LDF24E Datasheet
341Kb / 2P
LDF24E-XX-XXX SERIES
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
300 - 700 mA Output Current
More results

Similar Description - LDFMPT-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
Multifunction very low drop voltage regulator
25-Nov-2009
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
ON Semiconductor
NCP134 ONSEMI-NCP134 Datasheet
163Kb / 9P
500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com