Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFMPT-TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LDFMPT-TR
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFMPT-TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LDFMPT-TR Datasheet HTML 7Page - STMicroelectronics LDFMPT-TR Datasheet HTML 8Page - STMicroelectronics LDFMPT-TR Datasheet HTML 9Page - STMicroelectronics LDFMPT-TR Datasheet HTML 10Page - STMicroelectronics LDFMPT-TR Datasheet HTML 11Page - STMicroelectronics LDFMPT-TR Datasheet HTML 12Page - STMicroelectronics LDFMPT-TR Datasheet HTML 13Page - STMicroelectronics LDFMPT-TR Datasheet HTML 14Page - STMicroelectronics LDFMPT-TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LDFM
Application information
DocID023585 Rev 4
11/36
6
Application information
6.1
External capacitors
The LDFM requires external capacitors for regulator stability. These capacitors must be
selected to meet the requirements of minimum capacitance and equivalent series
resistance (see Figure 25: "Stability plane adj (COUT, ESR)" and Figure 26: "Stability plane
3.3 V (COUT, ESR)"). It is advisable to locate the input/output capacitors as close as
possible to the relative pins.
6.1.1
Input capacitor
An input capacitor with a minimum value of 1 µF is required with the LDFM. This capacitor
must be located a distance of not more than 0.5" from the input pin of the device and
returned to a clean analog ground. Any good quality ceramic capacitors can be used for
this capacitor.
6.1.2
Output capacitor
It is possible to use ceramic capacitors but the output capacitor must meet the
requirements for minimum amount of capacitance and E.S.R. (equivalent series resistance)
value.
A minimum capacitance of 2.2 µF is a good choice to guarantee the stability of the
regulator. However, other COUT values can be used according to Figure 25: "Stability plane
adj (COUT, ESR)" and Figure 26: "Stability plane 3.3 V (COUT, ESR)", showing the allowable
ESR range as a function of the output capacitance.
The output capacitor must maintain its ESR in the stable region over the full operating
temperature range to assure stability. Also, capacitor tolerance and variation with
temperature must be kept in consideration in order to assure the minimum amount of
capacitance at all times.
6.2
Enable pin operation
The Enable pin can be used to turn OFF the regulator when pulled down, so drastically
reducing the current consumption. When the enable feature is not used, this pin must be
tied to VIN to keep the regulator output ON at all times. To assure proper operation, the
signal source used to drive the Enable pin must be able to swing above and below the
specified thresholds listed in the electrical characteristics section (VEN). The Enable pin
must not be left floating because it is not internally pulled down/up.
6.3
Power Good
The LDFM features an open drain Power Good (PG) pin to sequence external supplies or
loads and to provide fault detection. This pin requires an external resistor (RPG) to pull PG
high when the output is within the PG tolerance window. Typical values for this resistor
range from 10 kΩ to 100 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com