Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFMPT-TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LDFMPT-TR
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFMPT-TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LDFMPT-TR Datasheet HTML 8Page - STMicroelectronics LDFMPT-TR Datasheet HTML 9Page - STMicroelectronics LDFMPT-TR Datasheet HTML 10Page - STMicroelectronics LDFMPT-TR Datasheet HTML 11Page - STMicroelectronics LDFMPT-TR Datasheet HTML 12Page - STMicroelectronics LDFMPT-TR Datasheet HTML 13Page - STMicroelectronics LDFMPT-TR Datasheet HTML 14Page - STMicroelectronics LDFMPT-TR Datasheet HTML 15Page - STMicroelectronics LDFMPT-TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Typical performance characteristics
LDFM
12/36
DocID023585 Rev 4
7
Typical performance characteristics
CIN = COUT = 1 µF, VIN = VOUT +1 V, VEN to VIN, IOUT = 10 mA, unless otherwise specified.
Figure 5: Output voltage vs temperature
Figure 6: Output voltage vs temperature for
adjustable
Figure 7: Line regulation vs temperature
Figure 8: Load regulation vs temperature
Figure 9: Short-circuit current vs drop voltage
Figure 10: Dropout voltage vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com