Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSL Datasheet(PDF) 112 Page - STMicroelectronics

Part # LSM6DSL
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSL Datasheet(HTML) 112 Page - STMicroelectronics

Back Button LSM6DSL Datasheet HTML 105Page - STMicroelectronics LSM6DSL Datasheet HTML 106Page - STMicroelectronics LSM6DSL Datasheet HTML 107Page - STMicroelectronics LSM6DSL Datasheet HTML 108Page - STMicroelectronics LSM6DSL Datasheet HTML 109Page - STMicroelectronics LSM6DSL Datasheet HTML 110Page - STMicroelectronics LSM6DSL Datasheet HTML 111Page - STMicroelectronics LSM6DSL Datasheet HTML 112Page - STMicroelectronics LSM6DSL Datasheet HTML 113Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 112 / 113 page
background image
Revision history
LSM6DSL
112/113
DocID028475 Rev 5
15
Revision history
Table 295. Document revision history
Date
Revision
Changes
10-Dec-2015
1
Initial release
01-Feb-2016
2
Updated Table 3: Mechanical characteristics
Updated Table 4: Electrical characteristics
Updated Figure 7: Accelerometer chain
Updated Section 9: Register description
12-Feb-2016
3
Updated Table 3: Mechanical characteristics
29-Jun-2016
4
Document status promoted to production data
Updated Table 3: Mechanical characteristics
Added Table 17: Internal pin status
Updated DRDY_PULSE_CFG_G (0Bh)
Updated bit 6 in CTRL4_C (13h)
Added WRIST_TILT_EN bit to CTRL10_C (19h)
Added FUNC_SRC2 (54h)
28-Oct-2016
5
Updated Features concerning Android
Updated Section 2: Embedded low-power features
Added Section 2.2: Absolute wrist tilt
Added footnote 14 concerning accelerometer self-test to Table 3
Updated Vdd_IO in Section Table 4.: Electrical characteristics
Updated Figure 8: Accelerometer composite filter
Updated Figure 11 and Figure 13
Updated pin 12 (pin status modes) in Table 17: Internal pin status
Updated FUNC_CFG_ACCESS (01h)
Updated CTRL4_C (13h)
Updated CTRL6_C (15h)
Updated CTRL9_XL (18h)
Updated D6D_SRC (1Dh)
Added WRIST_TILT_IA (55h)
Separated embedded registers into Section 11: Embedded functions registers
description - Bank A (02h through 32h) and Section 12: Embedded functions registers
description - Bank B (50h through 59h)
Updated SLAVE1_CONFIG (07h)
Added A_WRIST_TILT_LAT (50h), A_WRIST_TILT_THS (54h), and
A_WRIST_TILT_Mask (59h)
Minor textual updates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com