Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSLTR Datasheet(PDF) 64 Page - STMicroelectronics

Part # LSM6DSLTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSLTR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LSM6DSLTR Datasheet HTML 60Page - STMicroelectronics LSM6DSLTR Datasheet HTML 61Page - STMicroelectronics LSM6DSLTR Datasheet HTML 62Page - STMicroelectronics LSM6DSLTR Datasheet HTML 63Page - STMicroelectronics LSM6DSLTR Datasheet HTML 64Page - STMicroelectronics LSM6DSLTR Datasheet HTML 65Page - STMicroelectronics LSM6DSLTR Datasheet HTML 66Page - STMicroelectronics LSM6DSLTR Datasheet HTML 67Page - STMicroelectronics LSM6DSLTR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
Register description
LSM6DSL
64/113
DocID028475 Rev 5
9.18
CTRL6_C (15h)
Angular rate sensor control register 6 (r/w).
Table 64. CTRL6_C register
TRIG_EN
LVL_EN
LVL2_EN
XL_HM_MODE
USR_
OFF_W
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
FTYPE_1 FTYPE_0
Table 65. CTRL6_C register description
TRIG_EN
DEN data edge-sensitive trigger enable. Refer to Table 66.
LVL_EN
DEN data level-sensitive trigger enable. Refer to Table 66.
LVL2_EN
DEN level-sensitive latched enable. Refer to Table 66.
XL_HM_MODE
High-performance operating mode disable for accelerometer. Default value: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
USR_OFF_W
Weight of XL user offset bits of registers X_OFS_USR (73h), Y_OFS_USR (74h),
Z_OFS_USR (75h)
0 = 2-10 g/LSB
1 = 2-6 g/LSB
FTYPE[1:0]
Gyroscope's low-pass filter (LPF1) bandwidth selection
Table 67 shows the selectable bandwidth values.
Table 66. Trigger mode selection
TRIG_EN, LVL1_EN, LVL2_EN
Trigger mode
100
Edge-sensitive trigger mode is selected
010
Level-sensitive trigger mode is selected
011
Level-sensitive latched mode is selected
110
Level-sensitive FIFO enable mode is selected
Table 67. Gyroscope LPF1 bandwidth selection
FTYPE[1:0]
Bandwidth
ODR = 800 Hz
ODR = 1.6 kHz
ODR = 3.3 kHz
ODR = 6.6 kHz
00
245 Hz
315 Hz
343 Hz
351 Hz
01
195 Hz
224 Hz
234 Hz
237 Hz
10
155 Hz
168 Hz
172 Hz
173 Hz
11
293 Hz
505 Hz
925 Hz
937 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com