Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSLTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # LSM6DSLTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSLTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LSM6DSLTR Datasheet HTML 16Page - STMicroelectronics LSM6DSLTR Datasheet HTML 17Page - STMicroelectronics LSM6DSLTR Datasheet HTML 18Page - STMicroelectronics LSM6DSLTR Datasheet HTML 19Page - STMicroelectronics LSM6DSLTR Datasheet HTML 20Page - STMicroelectronics LSM6DSLTR Datasheet HTML 21Page - STMicroelectronics LSM6DSLTR Datasheet HTML 22Page - STMicroelectronics LSM6DSLTR Datasheet HTML 23Page - STMicroelectronics LSM6DSLTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
Pin description
LSM6DSL
20/113
DocID028475 Rev 5
Table 2. Pin description
Pin#
Name
Mode 1 function
Mode 2 function
1
SDO/SA0
SPI 4-wire interface serial data
output (SDO)
I2C least significant bit of the
device address (SA0)
SPI 4-wire interface serial data output
(SDO)
I2C least significant bit of the device
address (SA0)
2
SDx
Connect to VDDIO or GND
I2C serial data master (MSDA)
3
SCx
Connect to VDDIO or GND
I2C serial clock master (MSCL)
4
INT1
Programmable interrupt 1
5
VDDIO(1)
1. Recommended 100 nF filter capacitor.
Power supply for I/O pins
6
GND
0 V supply
7
GND
0 V supply
8
VDD(1)
Power supply
9
INT2
Programmable interrupt 2
(INT2) / Data enable (DEN)
Programmable interrupt 2 (INT2)/
Data enable (DEN)/
I2C master external synchronization
signal (MDRDY)
10
NC(2)
2. Leave pin electrically unconnected and soldered to PCB.
Leave unconnected
11
NC(2)
Leave unconnected
12
CS
I2C/SPI mode selection
(1: SPI idle mode / I2C
communication enabled; 0: SPI
communication mode / I2C
disabled)
I2C/SPI mode selection
(1: SPI idle mode / I2C communication
enabled;
0: SPI communication mode / I2C
disabled)
13
SCL
I2C serial clock (SCL)
SPI serial port clock (SPC)
I2C serial clock (SCL)
SPI serial port clock (SPC)
14
SDA
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output
(SDO)
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output
(SDO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com