Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSLTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM6DSLTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSLTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM6DSLTR Datasheet HTML 13Page - STMicroelectronics LSM6DSLTR Datasheet HTML 14Page - STMicroelectronics LSM6DSLTR Datasheet HTML 15Page - STMicroelectronics LSM6DSLTR Datasheet HTML 16Page - STMicroelectronics LSM6DSLTR Datasheet HTML 17Page - STMicroelectronics LSM6DSLTR Datasheet HTML 18Page - STMicroelectronics LSM6DSLTR Datasheet HTML 19Page - STMicroelectronics LSM6DSLTR Datasheet HTML 20Page - STMicroelectronics LSM6DSLTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 113 page
background image
DocID028475 Rev 5
17/113
LSM6DSL
Embedded low-power features
113
2.2
Absolute wrist tilt
The LSM6DSL implements in hardware the Absolute Wrist Tilt (AWT) function which allows
detecting when the angle between a selectable accelerometer semi-axis and the horizontal
plane becomes higher than a specific user-selectable value.
Configurable threshold and latency parameters are associated with the AWT function: the
threshold parameter defines the amplitude of the tilt angle; the latency parameter defines
the minimum duration of the AWT event to be recognized. The AWT interrupt signal is
generated if the tilt angle is higher than the threshold angle for a period of time equal to or
greater than the latency period.
The AWT function is based on the accelerometer sensor only and works at 26 Hz, so the
accelerometer ODR must be set at a value of 26 Hz or higher.
By default, the AWT algorithm is applied to the positive X-axis.
In order to enable the AWT function it is necessary to set to 1 both the FUNC_EN bit and the
WRIST_TILT_EN bit of CTRL10_C (19h).
The AWT interrupt signal can be driven to the INT2 interrupt pin by setting to 1 the
INT2_WRIST_TILT bit of the DRDY_PULSE_CFG_G (0Bh) register; it can also be checked
by reading the WRIST_TILT_IA bit of the FUNC_SRC2 (54h) register (it will also clear the
interrupt signal if latched).
WRIST_TILT_IA (55h) is the status register to be used to detect which axis has triggered the
AWT event (not applicable when using one axis side only).
The full description and an example is given in the dedicated application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com