Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSLTR Datasheet(PDF) 85 Page - STMicroelectronics

Part # LSM6DSLTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSLTR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button LSM6DSLTR Datasheet HTML 81Page - STMicroelectronics LSM6DSLTR Datasheet HTML 82Page - STMicroelectronics LSM6DSLTR Datasheet HTML 83Page - STMicroelectronics LSM6DSLTR Datasheet HTML 84Page - STMicroelectronics LSM6DSLTR Datasheet HTML 85Page - STMicroelectronics LSM6DSLTR Datasheet HTML 86Page - STMicroelectronics LSM6DSLTR Datasheet HTML 87Page - STMicroelectronics LSM6DSLTR Datasheet HTML 88Page - STMicroelectronics LSM6DSLTR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
DocID028475 Rev 5
85/113
LSM6DSL
Register description
113
9.74
WRIST_TILT_IA (55h)
Wrist tilt interrupt source register (r).
Table 180. WRIST_TILT_IA register
WRIST_
TILT_IA_
Xpos
WRIST_
TILT_IA_
Xneg
WRIST_
TILT_IA_
Ypos
WRIST_
TILT_IA_
Yneg
WRIST_
TILT_IA_
Zpos
WRIST_
TILT_IA_
Zneg
00
Table 181. WRIST_TILT_IA register description
WRIST_
TILT_IA_ Xpos
Absolute Wrist Tilt event detection status on X-positive axis. Default value: 0
(0: Absolute Wrist Tilt event on X-positive axis not detected;
1: Absolute Wrist Tilt event on X-positive axis detected)
WRIST_
TILT_IA_ Xneg
Absolute Wrist Tilt event detection status on X-negative axis. Default value: 0
(0: Absolute Wrist Tilt event on X-negative axis not detected;
1: Absolute Wrist Tilt event on X-negative axis detected)
WRIST_
TILT_IA_ Ypos
Absolute Wrist Tilt event detection status on Y-positive axis. Default value: 0
(0: Absolute Wrist Tilt event on Y-positive axis not detected;
1: Absolute Wrist Tilt event on Y-positive axis detected)
WRIST_
TILT_IA_ Yneg
Absolute Wrist Tilt event detection status on Y-negative axis. Default value: 0
(0: Absolute Wrist Tilt event on Y-negative axis not detected;
1: Absolute Wrist Tilt event on Y-negative axis detected)
WRIST_
TILT_IA_ Zpos
Absolute Wrist Tilt event detection status on Z-positive axis. Default value: 0
(0: Absolute Wrist Tilt event on Z-positive axis not detected;
1: Absolute Wrist Tilt event on Z-positive axis detected)
WRIST_
TILT_IA_ Zneg
Absolute Wrist Tilt event detection status on Z-negative axis. Default value: 0
(0: Absolute Wrist Tilt event on Z-negative axis not detected;
1: Absolute Wrist Tilt event on Z-negative axis detected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com