Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSLTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # LSM6DSLTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSLTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LSM6DSLTR Datasheet HTML 12Page - STMicroelectronics LSM6DSLTR Datasheet HTML 13Page - STMicroelectronics LSM6DSLTR Datasheet HTML 14Page - STMicroelectronics LSM6DSLTR Datasheet HTML 15Page - STMicroelectronics LSM6DSLTR Datasheet HTML 16Page - STMicroelectronics LSM6DSLTR Datasheet HTML 17Page - STMicroelectronics LSM6DSLTR Datasheet HTML 18Page - STMicroelectronics LSM6DSLTR Datasheet HTML 19Page - STMicroelectronics LSM6DSLTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
Embedded low-power features
LSM6DSL
16/113
DocID028475 Rev 5
2
Embedded low-power features
The LSM6DSL has been designed to be fully compliant with Android, featuring the following
on-chip functions:
 4 kbyte data buffering
–
100% efficiency with flexible configurations and partitioning
–
Possibility to store timestamp
 Event-detection interrupts (fully configurable):
–
Free-fall
–
Wakeup
–
6D orientation
–
Click and double-click sensing
–
Activity / inactivity recognition
 Specific IP blocks with negligible power consumption and high-performance:
–
Pedometer functions: step detector and step counters
–
Tilt (refer to Section 2.1: Tilt detection for additional information
–
Absolute Wrist Tilt (refer to Section 2.2: Absolute wrist tilt for additional
information)
–
Significant Motion Detection
Sensor hub
–
Up to 6 total sensors: 2 internal (accelerometer and gyroscope) and 4 external
sensors
 Data rate synchronization with external trigger for reduced sensor access and enhanced
fusion
2.1
Tilt detection
The tilt function helps to detect activity change and has been implemented in hardware
using only the accelerometer to achieve both the targets of ultra-low power consumption
and robustness during the short duration of dynamic accelerations.
It is based on a trigger of an event each time the device's tilt changes. For a more
customized user experience, in the LSM6DSL the tilt function is configurable through:
a programmable average window
a programmable average threshold
The tilt function can be used with different scenarios, for example:
a)
Triggers when phone is in a front pants pocket and the user goes from sitting to
standing or standing to sitting;
b)
Doesn’t trigger when phone is in a front pants pocket and the user is walking,
running or going upstairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com