Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSLTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # LSM6DSLTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSLTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LSM6DSLTR Datasheet HTML 41Page - STMicroelectronics LSM6DSLTR Datasheet HTML 42Page - STMicroelectronics LSM6DSLTR Datasheet HTML 43Page - STMicroelectronics LSM6DSLTR Datasheet HTML 44Page - STMicroelectronics LSM6DSLTR Datasheet HTML 45Page - STMicroelectronics LSM6DSLTR Datasheet HTML 46Page - STMicroelectronics LSM6DSLTR Datasheet HTML 47Page - STMicroelectronics LSM6DSLTR Datasheet HTML 48Page - STMicroelectronics LSM6DSLTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
Table 17. Internal pin status
pin#
Name
Mode 1 function
Mode 2 function
Pin status Mode 1
Pin status Mode 2
1
SDO
SPI 4-wire interface serial data
output (SDO)
SPI 4-wire interface serial data
output (SDO)
Default: Input without pull-up.
Pull-up is enabled if bit SIM = 1
(SPI 3-wire) in reg 12h.
Default: Input without pull-up.
Pull-up is enabled if bit SIM = 1
(SPI 3-wire) in reg 12h.
SA0
I2C least significant bit of the
device address (SA0)
I2C least significant bit of the
device address (SA0)
2
SDx
Connect to VDDIO or GND
I2C serial data master (MSDA)
Default: input without pull-up.
Pull-up is enabled if bit
PULL_UP_EN = 1 in reg 1Ah.
Default: input without pull-up.
Pull-up is enabled if bit
PULL_UP_EN = 1 in reg 1Ah.
3
SCx
Connect to VDDIO or GND
I2C serial clock master (MSCL)
Default: input without pull-up.
Pull-up is enabled if bit
PULL_UP_EN = 1 in reg 1Ah.
Default: input without pull-up.
Pull-up is enabled if bit
PULL_UP_EN = 1 in reg 1Ah.
4
INT1
Programmable interrupt 1
Programmable interrupt 1
Default: Output forced to ground
Default: Output forced to ground
5
Vdd_IO
Power supply for I/O pins
Power supply for I/O pins
6
GND
0 V supply
0 V supply
7
GND
0 V supply
0 V supply
8
Vdd
Power supply
Power supply
9
INT2
Programmable interrupt 2 (INT2)
/ Data enabled (DEN)
Programmable interrupt 2 (INT2)
/ Data enabled (DEN) /
I2C master external
synchronization signal (MDRDY)
Default: Output forced to ground
Default: Output forced to ground
10
NC
Leave unconnected(1)
Leave unconnected(1)
Leave unconnected(1)
Leave unconnected(1)
11
NC
Leave unconnected(1)
Leave unconnected(1)
Leave unconnected(1)
Leave unconnected(1)
12
CS
I2C/SPI mode selection
(1:SPI idle mode /
I2C communication enabled;
0: SPI communication mode /
I2C disabled)
I2C/SPI mode selection
(1:SPI idle mode /
I2C communication enabled;
0: SPI communication mode /
I2C disabled)
Default: Input with pull-up.
Pull-up is disabled
if bit I2C_disable = 1 in reg 13h.
Default: Input with pull-up.
Pull-up is disabled
if bit I2C_disable = 1 in reg 13h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com