Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DR Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 12Page - STMicroelectronics M95M02-DR Datasheet HTML 13Page - STMicroelectronics M95M02-DR Datasheet HTML 14Page - STMicroelectronics M95M02-DR Datasheet HTML 15Page - STMicroelectronics M95M02-DR Datasheet HTML 16Page - STMicroelectronics M95M02-DR Datasheet HTML 17Page - STMicroelectronics M95M02-DR Datasheet HTML 18Page - STMicroelectronics M95M02-DR Datasheet HTML 19Page - STMicroelectronics M95M02-DR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Instructions
M95M02-DR
16/45
DocID18203 Rev 10
6
Instructions
Each command is composed of bytes (MSBit transmitted first), initiated with the instruction
byte, as summarized in Table 4.
If an invalid instruction is sent (one not contained in Table 4), the device automatically enters
a Wait state until deselected.
For read and write commands to memory array and Identification Page the address is
defined by three bytes as explained in Table 5.
Table 4. Instruction set
Instruction
Description
Instruction
format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
RDID
Read Identification Page
1000 0011
WRID
Write Identification Page
1000 0010
RDLS
Reads the Identification Page lock status
1000 0011
LID
Locks the Identification page in read-only mode
1000 0010
Table 5. Significant bits within the address bytes(1) (2)
1. A: Significant address bit
2. x: bit is Don’t Care
Instruction
Upper address byte
b23 b22 ... b17 b16
Middle address byte
b15 b14 ... b10 b9 b8
Lower address byte
b7 b6 ... b1 b0
READ or WRITE
x x
. . .
A17 A16 A15 A14 . . . A10 A9 A8 A7 A6
. . .
A1 A0
RDID or WRID
0 0 0 0 0 0 0 0
0 0 0 0 0 0 0 0 A7 A6
. . .
A1 A0
RDLS or LID
0 0 0 0 0 0 0 0
0 0 0 0 0 1 0 0
0 0 0 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com