Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DR Datasheet(PDF) 34 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 30Page - STMicroelectronics M95M02-DR Datasheet HTML 31Page - STMicroelectronics M95M02-DR Datasheet HTML 32Page - STMicroelectronics M95M02-DR Datasheet HTML 33Page - STMicroelectronics M95M02-DR Datasheet HTML 34Page - STMicroelectronics M95M02-DR Datasheet HTML 35Page - STMicroelectronics M95M02-DR Datasheet HTML 36Page - STMicroelectronics M95M02-DR Datasheet HTML 37Page - STMicroelectronics M95M02-DR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
DC and AC parameters
M95M02-DR
34/45
DocID18203 Rev 10
Table 14. DC characteristics
Symbol
Parameter
Test conditions
Min
Max
Unit
ILI
Input leakage current
VIN = VSS or VCC
-± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
-± 2
µA
ICC
Supply current (Read)
C = 0.1 VCC/0.9 VCC at 5 MHz,
1.8 V
≤ VCC < 5.5 V, Q = open
-3
mA
ICC0(1)
Supply current (Write)
During tW, S = VCC,-
3
mA
ICC1
Supply current
(Standby Power mode)
S = VCC, VIN = VSS or VCC,
VCC = 1.8 V
-3
µA
S = VCC, VIN = VSS or VCC,
1.8 V
≤ VCC < 2.5 V
-5
µA
S = VCC, VIN = VSS or VCC,
2.5 V
≤ VCC < 5.5 V
-5
µA
VIL
Input low voltage
1.8 V
≤ VCC < 2.5 V
–0.45
0.25 VCC
V
2.5 V
≤ VCC ≤ 5.5 V
–0.45
0.3 VCC
VIH
Input high voltage
1.8 V
≤ VCC < 2.5 V
0.75 VCC
VCC+1
V
2.5 V
≤ VCC ≤ 5.5 V
0.7 VCC
VCC+1
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V
-
0.3
V
VCC = 2.5 V, IOL = 1.5 mA or VCC = 5 V,
IOL = 2 mA
-0.4
V
VOH
Output high voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
-V
VCC = 2.5 V, IOH = –0.4 mA or VCC = 5 V,
IOH = -2 mA
1. Characterized value, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com