Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DR Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 35Page - STMicroelectronics M95M02-DR Datasheet HTML 36Page - STMicroelectronics M95M02-DR Datasheet HTML 37Page - STMicroelectronics M95M02-DR Datasheet HTML 38Page - STMicroelectronics M95M02-DR Datasheet HTML 39Page - STMicroelectronics M95M02-DR Datasheet HTML 40Page - STMicroelectronics M95M02-DR Datasheet HTML 41Page - STMicroelectronics M95M02-DR Datasheet HTML 42Page - STMicroelectronics M95M02-DR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
DocID18203 Rev 10
39/45
M95M02-DR
Package information
44
10.2
WLCSP package information
Figure 25. WLCSP- 8-bump, 3.556 x 2.011 mm, wafer level chip scale
package outline
1. Drawing is not to scale.
2. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
Table 17. WLCSP- 8-bump, 3.556 x 2.011 mm, wafer level chip scale
package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.500
0.540
0.580
0.0197
0.0213
0.0228
A1
-
0.190
-
-
0.0075
-
A2
-
0.350
-
-
0.0138
-
b(2)
-
0.270
-
-
0.0106
-
D
-
3.556
3.576
-
0.1400
0.1408
E
-
2.011
2.031
-
0.0792
0.0800
e
-
1.000
-
-
0.0394
-
e1
-
1.200
-
-
0.0472
-
e2
-
2.100
-
-
0.0827
-
F
-
0.505
-
-
0.0199
-
G
-
0.500
-
-
0.0197
-
H
-
0.728
-
-
0.0287
-
J
-
0.200
-
-
0.0079
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com