Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DR Datasheet(PDF) 24 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 20Page - STMicroelectronics M95M02-DR Datasheet HTML 21Page - STMicroelectronics M95M02-DR Datasheet HTML 22Page - STMicroelectronics M95M02-DR Datasheet HTML 23Page - STMicroelectronics M95M02-DR Datasheet HTML 24Page - STMicroelectronics M95M02-DR Datasheet HTML 25Page - STMicroelectronics M95M02-DR Datasheet HTML 26Page - STMicroelectronics M95M02-DR Datasheet HTML 27Page - STMicroelectronics M95M02-DR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Instructions
M95M02-DR
24/45
DocID18203 Rev 10
6.6
Write to Memory Array (WRITE)
As shown in Figure 13, to send this instruction to the device, Chip Select (S) is first driven
low. The bits of the instruction byte, address byte, and at least one data byte are then shifted
in, on Serial Data Input (D).
The instruction is terminated by driving Chip Select (S) high at a byte boundary of the input
data. The self-timed Write cycle, triggered by the Chip Select (S) rising edge, continues for a
period tW (as specified in AC characteristics in Section 9: DC and AC parameters), at the
end of which the Write in Progress (WIP) bit is reset to 0.
Figure 13. Byte Write (WRITE) sequence
In the case of Figure 13, Chip Select (S) is driven high after the eighth bit of the data byte
has been latched in, indicating that the instruction is being used to write a single byte.
However, if Chip Select (S) continues to be driven low, as shown in Figure 14, the next byte
of input data is shifted in, so that more than a single byte, starting from the given address
towards the end of the same page, can be written in a single internal Write cycle.
Each time a new data byte is shifted in, the least significant bits of the internal address
counter are incremented. If more bytes are sent than will fit up to the end of the page, a
condition known as “roll-over” occurs. In case of roll-over, the bytes exceeding the page size
are overwritten from location 0 of the same page.
The instruction is not accepted, and is not executed, under the following conditions:
•
if the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before),
•
if a Write cycle is already in progress,
•
if the device has not been deselected, by driving high Chip Select (S), at a byte
boundary (after the eighth bit, b0, of the last data byte that has been latched in),
•
if the addressed page is in the region protected by the Block Protect (BP1 and BP0)
bits.
Note:
The self-timed write cycle tW is internally executed as a sequence of two consecutive
events: [Erase addressed byte(s)], followed by [Program addressed byte(s)]. An erased bit
is read as “0” and a programmed bit is read as “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com