Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DR Datasheet(PDF) 44 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 37Page - STMicroelectronics M95M02-DR Datasheet HTML 38Page - STMicroelectronics M95M02-DR Datasheet HTML 39Page - STMicroelectronics M95M02-DR Datasheet HTML 40Page - STMicroelectronics M95M02-DR Datasheet HTML 41Page - STMicroelectronics M95M02-DR Datasheet HTML 42Page - STMicroelectronics M95M02-DR Datasheet HTML 43Page - STMicroelectronics M95M02-DR Datasheet HTML 44Page - STMicroelectronics M95M02-DR Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Revision history
M95M02-DR
44/45
DocID18203 Rev 10
15-Sep-2014
9
Updated WLCSP (CS) package figure on cover page.
Removed “Preliminary data” footnote from Figure 3, Figure 24 and
Table 16.
Removed note about exposure to UV light in Section 10: Package
information.
Updated Table 4: Instruction set, and removed footnotes from it.
Added Table 4: Significant bits within the address bytes and Figure 27:
WLCSP 8-bump wafer lenght chip-scale recommended land pattern.
Updated Note 1 in Table 12: Absolute maximum ratings.
Updated Table 15: AC characteristics and Table 18: Ordering information
scheme.
22-Jun-2015
10
Updated Features and WLCSP figure on cover page.
Updated Figure 3: WLCSP connections, Figure 4: Block diagram and
Figure 14: Page Write (WRITE) sequence.
Updated Section 5.1.3: Power-up conditions and Section 6: Instructions.
Added Table 2: Signals vs. bump position and updated Table 3: Write-
protected block size and footnotes of Table 8: Absolute maximum ratings.
Updated Section 10: Package information with changes in each of
Sections 10.1: SO8N package information and Section 10.2: WLCSP
package information.
Updated footnote 1 of Table 18: Ordering information scheme and added
Note: on Engineering samples.
Table 19. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com