Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DR Datasheet(PDF) 32 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 28Page - STMicroelectronics M95M02-DR Datasheet HTML 29Page - STMicroelectronics M95M02-DR Datasheet HTML 30Page - STMicroelectronics M95M02-DR Datasheet HTML 31Page - STMicroelectronics M95M02-DR Datasheet HTML 32Page - STMicroelectronics M95M02-DR Datasheet HTML 33Page - STMicroelectronics M95M02-DR Datasheet HTML 34Page - STMicroelectronics M95M02-DR Datasheet HTML 35Page - STMicroelectronics M95M02-DR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
DC and AC parameters
M95M02-DR
32/45
DocID18203 Rev 10
9
DC and AC parameters
This section summarizes the operating conditions and the DC/AC characteristics of the
device.
Figure 19. AC measurement I/O waveform
Table 9. Operating conditions (M95M02-DR, device grade 6)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
85
°C
Table 10. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
30
pF
-
Input rise and fall times
-
25
ns
-
Input pulse voltages
0.2 VCC to 0.8 VCC
V
-
Input and output timing reference voltages
0.3 VCC to 0.7 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com