Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285ATR Datasheet(PDF) 70 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 66Page - STMicroelectronics STLUX285ATR Datasheet HTML 67Page - STMicroelectronics STLUX285ATR Datasheet HTML 68Page - STMicroelectronics STLUX285ATR Datasheet HTML 69Page - STMicroelectronics STLUX285ATR Datasheet HTML 70Page - STMicroelectronics STLUX285ATR Datasheet HTML 71Page - STMicroelectronics STLUX285ATR Datasheet HTML 72Page - STMicroelectronics STLUX285ATR Datasheet HTML 73Page - STMicroelectronics STLUX285ATR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 126 page
background image
Option bytes
STLUX
70/126
DocID027870 Rev 1
nUBC (UBC user boot code register protection)
nUBC: not (UBC) EMC byte protection.
GENCFG (general configuration register)
Bit 0:
EN_COLD_CFG enables IC cold configuration through the option byte register
AFR_IOMXP0, P1 and P2:
0: default case, the IC multifunction signal configuration is performed by the
miscellaneous registers MSC_IOMXP0, MSC_IOMXP1 and MSC_IOMXP2 (warm
configuration).
1: enables the multifunction signal configuration through the option byte registers
AFR_IOMXP0, AFR_IOMXP1 and AFR_IOMXP2 (cold configuration).
Bit 1:
COMP1_2 enables the complete backward compatibility with the STLUX385 IC device.
Bit 7:2:
Rst_PWM [5:0] configures the PWM [n] reset value after the NRST signal
0: PWM [n] output low level (native default value)
1: PWM [n] output high level.
Note:
The PWM signal programmed reset value is configured during the option byte loader phase,
then before the NRST is released it assumes its proper initial values.
The Rst_PWM5 is not available only on the STLUX325A and must be kept 0.
The Rst_PWM5 and Rst_PWM4 are not available only on the STLUX325A and must be
kept 0.
Table 43. nUBC (UBC user boot code register protection)
Offset: 0x004802
Default value: 0xFF
7
654
32
1
0
nUBC [7:0]
r/w
Table 44. GENCFG (general configuration register)
Offset: 0x004803
Default value: 0x00
7
6
54
32
1
0
Rst_PWM [5:0]
COMP1_2(1)
1. Available only on the STLUX385A and STLUX383A, otherwise keep 0.
EN_COLD_C FG
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com