Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285ATR Datasheet(PDF) 50 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 46Page - STMicroelectronics STLUX285ATR Datasheet HTML 47Page - STMicroelectronics STLUX285ATR Datasheet HTML 48Page - STMicroelectronics STLUX285ATR Datasheet HTML 49Page - STMicroelectronics STLUX285ATR Datasheet HTML 50Page - STMicroelectronics STLUX285ATR Datasheet HTML 51Page - STMicroelectronics STLUX285ATR Datasheet HTML 52Page - STMicroelectronics STLUX285ATR Datasheet HTML 53Page - STMicroelectronics STLUX285ATR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 126 page
background image
Memory and register map
STLUX
50/126
DocID027870 Rev 1
8.2.6
Clock and clock controller
Table 20. Clock and clock controller register map
Address
Block
Register name
Register description
0x00.50B4
CKC
CLK_SMD0
SMED 0 clock configuration
0x00.50B5
CLK_SMD1
SMED 1 clock configuration
0x00.50B6
CLK_SMD2
SMED 2 clock configuration
0x00.50B7
CLK_SMD3
SMED 3 clock configuration
0x00.50B8
CLK_SMD4
SMED 4 clock configuration
0x00.50B9
CLK_SMD5
SMED 5 clock configuration
0x00.50BA
RFU
Reserved for future use
0x00.50BB
RFU
Reserved for future use
0x00.50BC
RFU
Reserved for future use
0x00.50BD
RFU
Reserved for future use
0x00.50BE
CLK_PLLDIV
PLL clock divisor
0x00.50BF
CLK_AWUDIV
AWU clock divisor
0x00.50C0
CLK_ICKR
Internal clock control
0x00.50C1
CLK_ECKR
External clock control
0x00.50C2
CLK_PLLR
PLL control
0x00.50C3
CLK_CMSR
Clock master
0x00.50C4
CLK_SWR
Clock switch
0x00.50C5
CLK_SWCR
Switch control
0x00.50C6
CLK_CKDIVR
Clock dividers
0x00.50C7
CLK_PCKENR1
Peripherals clock enable
0x00.50C8
CLK_CSSR
Clock security system
0x00.50C9
CLK_CCOR
Configurable clock output
0x00.50CA
CLK_PCKENR2
Peripherals clock enable
0x00.50CB
RFU
Reserved for future use
0x00.50CC
CLK_HSITRIMR
HSI calibration trimmer
0x00.50CD
CLK_SWIMCCR
SWIM clock division
0x00.50CE
CLK_CCODIVR
CCO divider
0x00.50CF
CLK_ADCR
ADC clock configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com