Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285ATR Datasheet(PDF) 99 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 95Page - STMicroelectronics STLUX285ATR Datasheet HTML 96Page - STMicroelectronics STLUX285ATR Datasheet HTML 97Page - STMicroelectronics STLUX285ATR Datasheet HTML 98Page - STMicroelectronics STLUX285ATR Datasheet HTML 99Page - STMicroelectronics STLUX285ATR Datasheet HTML 100Page - STMicroelectronics STLUX285ATR Datasheet HTML 101Page - STMicroelectronics STLUX285ATR Datasheet HTML 102Page - STMicroelectronics STLUX285ATR Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 126 page
background image
DocID027870 Rev 1
99/126
STLUX
Electrical characteristics
126
12.3.4
Internal clock sources and timing characteristics
HSI RC oscillator
Subject to general operating conditions for VDD and TA.
LSI RC oscillator
Subject to general operating conditions for VDD and TA.
PLL internal source clock
Table 79. HSI RC oscillator
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results, not tested in production.
Typ. Max.(1) Unit
fHSI
Frequency
16
MHz
ACCHSI
Accuracy of HSI oscillator
(factory calibrated)(1), (2)
2. Variation referred to fHSI nominal value.
VDD = 3.3 V
TA= 25 ºC
-1%
+1%
%
VDD = 3.3 V
-40 ºC
 TA  105 ºC
-4%
+4%
VDD = 5 V
-40 ºC
 TA  105 ºC
-4%
+4%
tSU(HSI)
HSI oscillator wake-up time
including calibration
1µs
Table 80. LSI RC oscillator
Symbol
Parameter
Conditions
Min.(1)
1. Guaranteed by design, not tested in production.
Typ.
Max.(1) Unit
fLSI
Frequency
153.6
kHz
ACCLSI Accuracy of LSI oscillator
3.3 V
 VDD  5 V
-40 ºC
 TA  105 ºC
-10%
10%
%
tSU(LSI) LSI oscillator wake-up time
7
µs
Table 81. PLL internal source clock
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results, not tested in production.
Typ.
Max.(1)
Unit
fIN
Input frequency(2)
2. PLL maximum input frequency 16 MHz.
3.3 V
 VDD  5 V
-40 ºC
 TA  105 ºC
16
MHz
fOUT
Output frequency
96
tlock
PLL lock time
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com