Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285ATR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 31Page - STMicroelectronics STLUX285ATR Datasheet HTML 32Page - STMicroelectronics STLUX285ATR Datasheet HTML 33Page - STMicroelectronics STLUX285ATR Datasheet HTML 34Page - STMicroelectronics STLUX285ATR Datasheet HTML 35Page - STMicroelectronics STLUX285ATR Datasheet HTML 36Page - STMicroelectronics STLUX285ATR Datasheet HTML 37Page - STMicroelectronics STLUX285ATR Datasheet HTML 38Page - STMicroelectronics STLUX285ATR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 126 page
background image
DocID027870 Rev 1
35/126
STLUX
I/O multifunction signal configuration
126
7
I/O multifunction signal configuration
Several I/Os have multiple functionalities selectable through the configuration mechanism
described from Section 7.1 to Section 7.5 on page 41. The STLUX I/Os are grouped into
four different configurable ports: P0, P1, P2 and P3.
7.1
Multifunction configuration policy
The STLUX supports either a cold or warm multifunction signal configuration policy
according to the content of the EN_COLD_CFG bit field, a part of the GENCFG option byte
register.
When the EN_COLD_CFG bit is set, the cold configuration is selected and the multifunction
signals are configured according to the values stored in the option bytes; otherwise when
the EN_COLD_CFG bit is cleared (default case), the warm configuration mode is chosen
and the multifunction pin functionality is configured through the miscellaneous registers.
The configuration options and the proper configuration registers are detailed in Table 5:
The warm configuration is volatile, thus not maintained after a device reset.
7.2
Port P0 I/O multifunction configuration signal
The Port P0 multiplexes several input/output functionalities, increasing the device flexibility.
The P0 port pins can be independently assigned to general purpose I/Os or to internal
peripherals. All communication peripherals and the external oscillator are hosted by the Port
P0 pins.
In order to avoid electrical conflicts on the user application board, the P0 signals are
configured at reset as GPIO0 inputs without pull-up resistors. Once the reset is released,
the firmware application must initialize the inputs with the proper configuration according to
the application needs.
7.2.1
Alternate function P0 configuration signals
The multifunction pins can be configured via one of the following two registers, depending
on the overall configuration policy (warm/cold):
Cold configuration: AFR_IOMXP0 option byte registers (refer to Section 10: Option
bytes on page 60). After the reset the P0 signals are configured in line with
AFR_IOMXP0 contents.
Warm configuration: MSC_IOMXP0 miscellaneous register (refer to Section 7.5 on
page 41). After the reset, the P0 signals are configured as GPIO input lines with the
pull-up disabled.
Table 5. Multifunction configuration registers
EN_COLD_CFG Configuration policy
Multifunction configuration registers
1
Cold
AFR_IOMXP0, AFR_IOMXP1 and AFR_IOMXP2
0 (default)
Warm
MSC_IOMXP0, MSC_IOMXP1 and MSC_IOMXP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com