Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 1 Page - STMicroelectronics

  STLUX285ATR Datasheet HTML 1Page - STMicroelectronics STLUX285ATR Datasheet HTML 2Page - STMicroelectronics STLUX285ATR Datasheet HTML 3Page - STMicroelectronics STLUX285ATR Datasheet HTML 4Page - STMicroelectronics STLUX285ATR Datasheet HTML 5Page - STMicroelectronics STLUX285ATR Datasheet HTML 6Page - STMicroelectronics STLUX285ATR Datasheet HTML 7Page - STMicroelectronics STLUX285ATR Datasheet HTML 8Page - STMicroelectronics STLUX285ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
This is information on a product in full production.
May 2015
DocID027870 Rev 1
1/126
STLUX
Digital controllers for lighting and power conversion applications
with up to 6 programmable PWM generators, 96 MHz PLL, DALI
Datasheet
- production data
Features
 Up to 6 programmable PWM generators
(SMEDs - “State Machine Event Driven”)
– 10 ns event detection and reaction
– Max.1.3 ns PWM resolution
– Single, coupled and two coupled
operational modes
– Up to 3 internal/external events per SMED
 DALI (digital addressable lighting interface)
– Interrupt driven hardware encoder
– Bus frequency: 1.2, 2.4 or 4.8 kHz
– IEC 60929 and IEC 62386 compliant plus
24-bit frame extension
– Configurable noise rejection filter
– Reverse polarity on Tx/Rx lines
 4 analog comparators
– 4 internal 4-bit references
– 1 external reference
– Less than 50 ns propagation time
– Continuous comparison cycle
 ADCs (up to 8 channels)
– 10-bit precision, with operational amplifier
to extend resolution to 12-bit equivalent
– Sequencer functionality
– Input impedance: 1 M
– Configurable gain value: x1 and x4
 Integrated microcontroller
– Advanced STM8® core with Harvard
architecture and 3-stage pipeline
–Max. fCPU: 16 MHz
– Multiple low power modes
 Memories
– Flash and E2PROM with read while write
(RWW) and error correction code (ECC)
– Program memory: 32 Kbytes Flash; data
retention 15 years at 85 °C after 10 kcycles
at 25 °C
– Data memory: 1 Kbyte true data E2PROM;
data retention:15 years at 85 °C after 100
kcycles at 85 °C
– RAM: 2 Kbytes
 Clock management
– Internal 96 MHz PLL
– Low power oscillator circuit for external
crystal resonator or direct clock input
– Internal, user-trimmable 16 MHz RC and
low power 153.6 kHz RC oscillators
– Clock security system with clock monitor
 Basic peripherals
– System and auxiliary timers
– IWDG/WWDG watchdog, AWU, ITC
 I/O
– GPIO with highly robust design, immune
against current injection
– Fast digital input DIGIN, with configurable
pull-up
 Communication interfaces
– UART asynchronous with SW flow control
and boot loader support
–I2C master/slave fast-slow speed rate
 Operating temperature: -40 °C up to 105 °C
Table 1. Device summary
Part number
Package
STLUX385A, STLUX383A
TSSOP38
STLUX325A
VFQFPN32
STLUX285A
TSSOP28
www.st.com


Similar Part No. - STLUX285ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
08-Feb-2013
STLUX385A STMICROELECTRONICS-STLUX385A Datasheet
2Mb / 99P
Digital controller for lighting and power conversion applications
06-Jun-2013
STLUX385ATR STMICROELECTRONICS-STLUX385ATR Datasheet
2Mb / 99P
Digital controller for lighting and power conversion applications
06-Jun-2013
More results

Similar Description - STLUX285ATR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1721 BURR-BROWN-PCM1721 Datasheet
227Kb / 16P
DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
logo
List of Unclassifed Man...
C2471 ETC2-C2471 Datasheet
655Kb / 18P
RDFC Controllers for Offline Applications up to 6 W
logo
Texas Instruments
PCM1723E TI-PCM1723E Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
logo
STMicroelectronics
STLUX385A STMICROELECTRONICS-STLUX385A Datasheet
2Mb / 99P
Digital controller for lighting and power conversion applications
06-Jun-2013
logo
Texas Instruments
PCM1727E2K TI-PCM1727E2K Datasheet
304Kb / 19P
DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
logo
List of Unclassifed Man...
120-277-275 ETC2-120-277-275 Datasheet
229Kb / 1P
Step Up Autotransformers for Lighting Applications
logo
Microchip Technology
DSPIC33EPXXGS50X MICROCHIP-DSPIC33EPXXGS50X Datasheet
4Mb / 390P
16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
11/07/16
DSPIC33EPXXGS202 MICROCHIP-DSPIC33EPXXGS202 Datasheet
3Mb / 344P
16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
10/25/17
DSPIC33EPXXXGS70X MICROCHIP-DSPIC33EPXXXGS70X Datasheet
4Mb / 484P
16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
08/15/18
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02_V01 Datasheet
1Mb / 7P
DALI Digital Lighting Controller
2022-11-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com